Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7323 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7323
Description  I2C Port Expander with 4 Push-Pull Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7323 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7323 Datasheet HTML 2Page - Maxim Integrated Products MAX7323 Datasheet HTML 3Page - Maxim Integrated Products MAX7323 Datasheet HTML 4Page - Maxim Integrated Products MAX7323 Datasheet HTML 5Page - Maxim Integrated Products MAX7323 Datasheet HTML 6Page - Maxim Integrated Products MAX7323 Datasheet HTML 7Page - Maxim Integrated Products MAX7323 Datasheet HTML 8Page - Maxim Integrated Products MAX7323 Datasheet HTML 9Page - Maxim Integrated Products MAX7323 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Any of the four open-drain ports can be configured as a
logic input by setting the port output logic-high (logic-
high for an open-drain output is high impedance).
When the MAX7323 is read through the serial interface,
the actual logic levels at the ports are read back.
The four ports offer latching transition detection func-
tionality. All input ports are continuously monitored for
changes. An input change sets 1 of 4 flag bits that
identify changed input(s). All flags are cleared upon a
subsequent read or write transaction to the MAX7323.
A latching interrupt output, INT, automatically flags data
changes on any of the I/O ports used as inputs. The
interrupt output INT, and all transition flags are
deasserted when the MAX7323 is next accessed
through the serial interface.
Internal pullup resistors to V+ are selected by the
address select inputs, AD0 and AD2. Pullups are
enabled on the input ports in groups of two (see Table 3).
Use the slave address selection to ensure that I/O ports
used as inputs are logic-high on power-up. I/O ports with
internal pullups enabled default to a logic-high output
state. I/O ports with internal pullups disabled default to
a logic-low output state. Output port power-up logic
states are selected by the address select inputs AD0
and AD2. Ports default to logic-high or logic-low on
power-up in groups of two (see Table 3).
Initial Power-Up
On power-up, the transition detection logic is reset, and
INT is deasserted. The interrupt mask register is set to
0x3C, enabling the interrupt output for transitions on all
four input ports. The transition flags are cleared to indi-
cate no data changes. The power-up default state of the
four push-pull outputs is set according to the I2C slave
address selection inputs, AD0 and AD2 (see Table 3).
Power-On Reset
The MAX7323 contains an integral power-on-reset
(POR) circuit that ensures all registers are reset to a
known state on power-up. When V+ rises above VPOR
(1.6V max), the POR circuit releases the registers and
2-wire interface for normal operation. When V+ drops to
less than VPOR, the MAX7323 resets all ports to the
POR defaults (see Table 3).
RST Input
The active-low RST input operates as a reset that voids
any current I2C transaction involving the MAX7323,
forcing the MAX7323 into the I2C STOP condition. The
reset action does not clear the interrupt output (INT).
Standby Mode
When the serial interface is idle, the MAX7323 automat-
ically enters standby mode, drawing minimal supply
current.
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
6
_______________________________________________________________________________________
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
APPLICATION
MAX7323
110xxxx
Up to 4
Up to 4
4
4 I/O, 4 output-only versions:
4 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
4 push-pull outputs with selectable power-up default
levels.
MAX7328
MAX7329
0100xxx
0111xxx
Up to 8
Up to 8
8 open-drain I/O ports with nonlatching transition
detection interrupt and pullups on all ports.
All ports power up as inputs (or logic-high outputs).
Any port can be used as an input by setting the
open-drain output to logic-high.
16-PORT EXPANDERS
MAX7324
8
Yes
8
Software equivalent to a MAX7320 plus a MAX7319.
MAX7325
Up to 8
Up to 8
8
Software equivalent to a MAX7320 plus a MAX7321.
MAX7326
4
Yes
12
Software equivalent to a MAX7320 plus a MAX7322.
MAX7327
101xxxx
and
110xxxx
Up to 4
Up to 4
12
Software equivalent to a MAX7320 plus a MAX7323.
Table 1. MAX7319–MAX7329 Family Comparison (continued)


Similar Part No. - MAX7323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7323 MAXIM-MAX7323 Datasheet
214Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7323 MAXIM-MAX7323 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7323AEE++ MAXIM-MAX7323AEE+ Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7323ATE++ MAXIM-MAX7323ATE+ Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
More results

Similar Description - MAX7323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7320 MAXIM-MAX7320_15 Datasheet
845Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 1; 4/15
MAX7320 MAXIM-MAX7320 Datasheet
214Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7322 MAXIM-MAX7322_14 Datasheet
1,020Kb / 16P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 2; 5/14
MAX7322 MAXIM-MAX7322 Datasheet
215Kb / 18P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 1; 9/06
MAX7324 MAXIM-MAX7324_14 Datasheet
979Kb / 18P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 1; 5/14
MAX7324 MAXIM-MAX7324 Datasheet
261Kb / 20P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7326 MAXIM-MAX7326 Datasheet
966Kb / 18P
   I 2C Port Expander with 12 Push-Pull Outputs and 4 Inputs
19-3804; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com