Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5950ETJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5950ETJ
Description  12V PWM Controller with Hot-Swap
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5950ETJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5950ETJ Datasheet HTML 1Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX5950ETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
12V PWM Controller with Hot-Swap
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VPWM_IN = 12V or VIN = VPWM_IN = VREG = 5V, VDREG = VREG, VPGND = 0V, VSYNCIN = 0V, RRT = 100k
Ω, RILIM = 60kΩ,
CREG = 2.2µF, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SENSE Input Bias Current
-1
+1
µA
PGOOD Internal Pullup Current
10
µA
PGOOD Output-Voltage Low
IPGOOD = -2.4mA
50
mV
INTERNAL VOLTAGE REGULATOR
Output-Voltage Set Point
VREG
4.7
5.3
V
Line Regulation
VPWM_IN = 8V to 16V
1
mV/V
Load Regulation
IREG = 0 to 50mA
150
mV
PWM OSCILLATOR
Oscillator Frequency Range
fSW
VSYNCIN = 0V, fSW = 5 x 1010 / RRT Hz
100
1000
kHz
fSW
≤ 500kHz
-2.5
+2.5
TA = TJ = +25°C
fSW > 500kHz
-4
+4
fSW
≤ 500kHz
-3.5
+3.5
Oscillator Accuracy
TA = TJ =
-40°C to +85°C
fSW > 500kHz
-5
+5
%
RT Voltage
VRT
50k
Ω ≤ RRT ≤ 500kΩ
2V
Maximum Duty Cycle
VSYNCIN = 0V, VPWM_IN = 12V
82
88
%
SYNCIN High Level Voltage
2.1
V
SYNCIN Low Level Voltage
0.8
V
SYNCIN Pulldown Resistor
50
100
150
k
SYNCIN Rising to SYNCOUT
Falling Delay
10
ns
SYNCIN Falling to SYNCOUT
Rising Delay
30
ns
Maximum SYNCIN Frequency
1
MHz
SYNCOUT Voltage High
VHSYNCOUT ISYNCOUT = +1.2mA
VREG - 0.1
V
SYNCOUT Voltage Low
VLSYNCOUT
ISYNCOUT = -2.4mA
50
mV
PWM ERROR AMPLIFIER
FB Input Range
0
VREF
V
FB Input Current
-250
+250
nA
COMP Output-Voltage Range
ICOMP = -500µA to +500µA
0.25
VREG - 0.5
V
Open-Loop Gain
80
dB
Unity-Gain Bandwidth
fGBW
2.5
MHz
Reference Voltage
VREF
ICOMP = -500µA to +500µA
792
800
808
mV
PWM COMPARATOR
Comparator Offset Voltage
0.3
V
Comparator Propagation Delay
40
ns
PWM DIGITAL SOFT-START
Soft-Start Duration
1024
Clocks
128
Steps
Reference Voltage Steps
6.3
mV


Similar Part No. - MAX5950ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
MAX5952 MAXIM-MAX5952 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952AEAX++ MAXIM-MAX5952AEAX+ Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5950ETJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com