Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4731 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4731
Description  50廓, Dual SPST Analog Switches in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4731 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4731 Datasheet HTML 4Page - Maxim Integrated Products MAX4731 Datasheet HTML 5Page - Maxim Integrated Products MAX4731 Datasheet HTML 6Page - Maxim Integrated Products MAX4731 Datasheet HTML 7Page - Maxim Integrated Products MAX4731 Datasheet HTML 8Page - Maxim Integrated Products MAX4731 Datasheet HTML 9Page - Maxim Integrated Products MAX4731 Datasheet HTML 10Page - Maxim Integrated Products MAX4731 Datasheet HTML 11Page - Maxim Integrated Products MAX4731 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Analog Signal Levels
Analog signals that range over the entire supply voltage
(GND to V+) pass with very little change in RON (see
Typical Operating Characteristics). The bidirectional
switches allow NO_, NC_, and COM_ connections to be
used as either inputs or outputs.
Power-Supply Sequencing and
Overvoltage Protection
CAUTION: Do not exceed the absolute maximum
ratings. Stresses beyond the listed ratings can
cause permanent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current limited. If this sequencing is not possible, and if
the analog inputs are not current limited to < 20mA,
add a small-signal diode, D1, as shown in Figure 1. If
the analog signal can dip below GND, add D2. Adding
protection diodes reduces the analog signal range to a
diode drop (about 0.7V) below V+ (for D1), and to a
diode drop above ground (for D2). Leakage is unaffect-
ed by adding the diodes. On-resistance increases
slightly at low supply voltages. Maximum supply volt-
age (V+) must not exceed +11V.
Adding protection diodes causes the logic thresholds to
be shifted relative to the power-supply rails. The most
significant shift occurs when using low supply voltages
(+5V or less). With a +5V supply, TTL compatibility is not
guaranteed when protection diodes are added. Driving
IN1 and IN2 all the way to the supply rails (i.e., to a
diode drop higher than the V+ pin, or to a diode drop
lower than the GND pin) is always acceptable.
Protection diodes D1 and D2 also protect against some
overvoltage situations. Using the circuit in Figure 1, no
damage results if the supply voltage is below the
absolute maximum rating (+12V) and if a fault voltage
up to the absolute maximum rating (V+ + 0.3V) is
applied to an analog signal terminal.
UCSP Applications Information
For the latest application details on USCP construction,
dimensions, tape carrier information, printed circuit
board techniques, bump-pad layout, and recommend-
ed reflow temperature profile as well as the latest infor-
mation on reliability testing results, go to the Maxim
web site at www.maxim-ic.com/ucsp to find the
Application Note: UCSP—A Wafer-Level Chip-Scale
Package.
50
Ω, Dual SPST Analog Switches in UCSP
8
_______________________________________________________________________________________
MAX4731
MAX4732
MAX4733
NO_
COM_
GND
V+
*INTERNAL PROTECTION DIODES.
D2
D1
EXTERNAL BLOCKING DIODE
EXTERNAL BLOCKING DIODE
GND
V+
*
*
*
*
Figure 1. Overvoltage Protection Using External Blocking Diodes
Test Circuits/Timing Diagrams


Similar Part No. - MAX4731

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4731EUA MAXIM-MAX4731EUA Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
More results

Similar Description - MAX4731

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com