Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB755T Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB755T
Description  Reflective Object Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB755T Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB755T_06 Datasheet HTML 1Page - OPTEK Technologies OPB755T_06 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High contrast ratio, 1000 to 1
minimum
12.0" ±0.5" min. UL#1429 26 AWG
wire leads terminated into an AMP
#640442-5 connector
Low cost plastic housing
Description
The OPB755T reflective assembly
features a phototransistor output
designed to decrease low-level light gain
while not affecting the high-level light
gain. Available without mounting tabs as
OPB755N.
Available with PC Board mountable
leads as OPB750 series. Logic output
sensors available in the
OPB760/OPB770 series.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . . -40
o C to +80o C
Input Diode
Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Peak Forward Current (1
µs pulse width, 300 pps) . . . . . . . . . . . . . . . . . . . . . . . 3.0 A
Reverse DC Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Output Phototransistor
Collector-Emitter Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Collector DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Notes:
(1) Derate Linearly 1.82 mW/
o C above 25o C.
(2) All parameters tested using pulse technique.
(3) Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in
chlorinated hydrocarbons and ketones.
(4) Photocurrent is measured using an Eastman Kodak Neutral White test card having a 90%
diffuse reflectance as a reflecting surface. Reference: Eastman Kodak, Catalog #1257795.
(5) IC(OFF) is the photocurrent measured with current to the input diode and a 5% reflecting
surface.
Product Bulletin OPB755T
June 1996
Reflective Object Sensor
Type OPB755T
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
11-48
12.0 ± 0.5
(304.8 ± 12.7)
For RoHS compliant devices add "Z" to the end of the part number: OPB755TZ
January 2006


Similar Part No. - OPB755T_06

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB755TAZ OPTEK-OPB755TAZ Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
TT Electronics.
OPB755TAZ TTELEC-OPB755TAZ Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB755TZ OPTEK-OPB755TZ Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
TT Electronics.
OPB755TZ TTELEC-OPB755TZ Datasheet
165Kb / 4P
   Reflective Object Sensor
More results

Similar Description - OPB755T_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com