Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5110TBI-10-GT10 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5110TBI-10-GT10
Description  32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5110TBI-10-GT10 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5110TBI-10-GT10 Datasheet HTML 1Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5110TBI-10-GT10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
5
Doc No. MD-220, Rev. F
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
CS
U/D
W
tCU
tIL
tIH
tSETTLE
tIC
tCI
tSETTLE
Note: "W" is not a digital signal. It represents wiper transitions.
FunCTIOnAl DesCrIPTIOn
The CAT50/58/59/523/524/525 consist of
a fixed resistor and a wiper contact with 32-tap points
that are digitally controlled through a 2-wire up/down
serial interface. Three end-to-end resistance values are
available: 0kΩ, 50kΩ and 00kΩ.
The CAT50/525 is designed to operate as a
potentiometer. In this configuration, the low terminal of
the resistor array is connected to ground (pin 2).
The CAT58/523 performs as a variable resistor. In
this device, the wiper terminal and high terminal of the
resistor array are connected at pin 5.The CAT59/524
is a similar variable resistor, except the low terminal is
connected to pin 5.
DIGITAl InTerFACe OPerATIOn
The MiniPots have two modes of operation when the
serialinterfaceisactive:incrementanddecrementmode.
The serial interface is only active when CS is low.
Figure 2. serial Interface Timing Diagram, Decrement Mode
Figure 1. serial Interface Timing Diagram, Increment Mode
The CS and U/D inputs control the position of the wiper
along the resistor array. When CS transitions from high
to low, the part will go into increment mode if U/D input
is high, and into decrement mode when U/D input is low.
Once the mode is set, the device will remain in that mode
until CS goes high again. A low-to-high transition at the
U/D pin will increment or decrement the wiper position
depending on the current mode (Figures  and 2).
When the CS input transitions to high (serial interface
inactive), the value of the counter is stored and the wiper
position is maintained.
Note that when the wiper reaches the maximum (or
minimum) tap position, the wiper will not wrap around
to the minimum (or maximum) position.
POWer-On reseT
All parts in this family feature power-on reset (POR)
circuitry that sets the wiper position to midscale at power-
up. By default, the chip is in the increment mode.
CS
U/D
W
tCU
tIL
tIH
tIC
tSETTLE
tCI
tSETTLE
Note: "W" is not a digital signal. It represents wiper transitions.


Similar Part No. - CAT5110TBI-10-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110TBI-10-GT10 CATALYST-CAT5110TBI-10-GT10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5110TBI-10-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com