Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11993W Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB11993W
Description  Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11993W Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB11993W Datasheet HTML 1Page - Sanyo Semicon Device LB11993W Datasheet HTML 2Page - Sanyo Semicon Device LB11993W Datasheet HTML 3Page - Sanyo Semicon Device LB11993W Datasheet HTML 4Page - Sanyo Semicon Device LB11993W Datasheet HTML 5Page - Sanyo Semicon Device LB11993W Datasheet HTML 6Page - Sanyo Semicon Device LB11993W Datasheet HTML 7Page - Sanyo Semicon Device LB11993W Datasheet HTML 8Page - Sanyo Semicon Device LB11993W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LB11993W
No.A0677-5/15
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[OP-AMP3, 4]
Input offset voltage
VIO
±1
±5mV
Input bias current
IB
1
µA
Common-mode input voltage range
VICM
1
2
V
Open loop gain
GV1
50
55
dB
[Thermal shutdown circuit]
TSD operating temperature
T-TSD
Design target value, Note 1
150
180
210
°C
TSD temperature hysteresis width
∆TSD
Design target value, Note 1
15
°C
Note 1: Design target value parameters are not tested.
Package Dimensions
unit : mm (typ)
3190A
10.0
12.0
0.15
0.18
0.5
(1.25)
116
17
32
33
48
49
64
SANYO : SQFP64(10X10)
0
Ambient temperature, Ta - °C
Pd max - Ta
ILB01814
-20
0
0.3
0.1
0.4
0.7
0.6
0.5
0.2
40
20
60
80
100
0.36
Independent IC


Similar Part No. - LB11993W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Similar Description - LB11993W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
logo
Rohm
BD6637KS ROHM-BD6637KS Datasheet
509Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
BD6300KU ROHM-BD6300KU Datasheet
324Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com