Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11993W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB11993W
Description  Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11993W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB11993W Datasheet HTML 1Page - Sanyo Semicon Device LB11993W Datasheet HTML 2Page - Sanyo Semicon Device LB11993W Datasheet HTML 3Page - Sanyo Semicon Device LB11993W Datasheet HTML 4Page - Sanyo Semicon Device LB11993W Datasheet HTML 5Page - Sanyo Semicon Device LB11993W Datasheet HTML 6Page - Sanyo Semicon Device LB11993W Datasheet HTML 7Page - Sanyo Semicon Device LB11993W Datasheet HTML 8Page - Sanyo Semicon Device LB11993W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LB11993W
No.A0677-4/15
FG and PG Amplifier Blocks at Ta=25
°C, VCC1=3V, VCC2=4.75V, VS=3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[FG amplifier]
Input offset voltage
VIO
±1
±5mV
Input bias current
IBIN-
250
nA
Common-mode input voltage range
VICOM
1
2
V
Open loop gain
GVFG
f=1kHz
55
dB
Output ON voltage
VOL
When IO=10µA
0.4
V
Output OFF voltage
VOH
When IO=10µA
VCC1-0.5
V
Schmitt amplifier hysteresis width
VSHIS
50
mV
Reference voltage
VREF
1.30
1.40
1.50
V
[PG amplifier]
Input offset voltage
VIO
±1
±5mV
Input bias current
IBIN-
250
nA
Common-mode input voltage range
VICOM
1
2
V
Open loop gain
GVPG
f=1kHz
55
dB
Output ON voltage
VOL
When IO=10µA
0.4
V
Output OFF voltage
VOH
When IO=10µA
VCC1-0.5
V
Schmitt amplifier hysteresis width
VSHIS
50
mV
Loading Motor Driver Block at Ta=25
°C, VCC1=3V, VCC2=4.75V, VS=3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VCC1 supply current 1
ICC11
Standby mode
VSTBY_C=VSTBY_D=0V
3.3
5
mA
VCC1 supply current 2
ICC12
Forward/reverse mode
VSTBYC=VSTBY_D=0V
14
21
mA
VCC1 supply current 3
ICC13
Brake mode
VSTBYC=VSTBY_D=0V
12
18
mA
VCC2 supply current 1
ICC21
Standby mode(VCC1=OPEN)
VSTBY_C, D=0V
100
µA
VCC2 supply current 2
ICC22
Standby mode(VCC1=3.0V)
VSTBY_C, D=0V
100
µA
VCC2 supply current 3
ICC23
Forward/reverse mode
VSTBY_C, D=0V
23
35
mA
VS_L supply current
IVS_L
Standby mode
VSTBY_C, D=0V
20
µA
[Logic inputs] (DEC1 and DEC2 pins)
High-level input voltage
VINH
VCC1=2.7 to 4.0V
2.0
VCC1
V
High-level influx current
IINH
VIN=3.0V
45
100
µA
Low-level input voltage
VINL
VCC1=2.7 to 4.0V
-0.2
0.6
V
Low-level influx current
IINL
VIN=0.6V
5
10
µA
[Loading motor driver]
Output saturation voltage 1
VOH
IO=200mA
(upper and lower composition)
0.2
0.3
V
Output saturation voltage 2
VSHIS
IO=400mA
(upper and lower composition)
0.4
0.6
V
[OP-AMP1, OP-AMP2]
Input offset voltage
VIO
±1
±5mV
Input bias current
IB
1
µA
Common-mode input voltage range
VICM
1
2
V
Open loop gain
GV1
50
55
dB
Continued on next page.


Similar Part No. - LB11993W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Similar Description - LB11993W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
logo
Rohm
BD6637KS ROHM-BD6637KS Datasheet
509Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
BD6300KU ROHM-BD6300KU Datasheet
324Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com