Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS85454AK-01T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS85454AK-01T
Description  DIFFERENTIAL-TO-LVDS MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85454AK-01T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS85454AK-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 5Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 6Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 7Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 8Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 9Page - Integrated Circuit Systems ICS85454AK-01T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
85454AK-01
www.icst.com/products/hiperclocks.html
REV. B JUNE 16, 2006
6
Integrated
Circuit
Systems, Inc.
ICS85454-01
DUAL 2:1/1:2
DIFFERENTIAL-TO-LVDS MULTIPLEXER
OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
PROPAGATION DELAY
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
V
CMR
Cross Points
V
PP
GND
nINA0, nINA1
nINB
V
DD
INA0, INA1
INB
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PD
nINA0,
nINA1
nINB
QA0,
QA1,
QB
nQA0,
nQA1,
nQB
INA0,
INA1
INB
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
nQx
LVDS
2.5V±5%
POWER SUPPLY
+-
Float GND
DIFFERENTIAL OUTPUTVOLTAGE
OFFSET VOLTAGE SETUP
out
out
LVDS
DC Input
VOS/∆ VOS
V
DD
100
out
out
LVDS
DC Input
VOD/∆ VOD
V
DD


Similar Part No. - ICS85454AK-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02 IDT-ICS8545AG-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LF RENESAS-ICS8545AG-02LF Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS85454AK-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
   12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
   12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com