Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS85454AK-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS85454AK-01
Description  DIFFERENTIAL-TO-LVDS MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85454AK-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS85454AK-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85454AK-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
85454AK-01
www.icst.com/products/hiperclocks.html
REV. B JUNE 16, 2006
5
Integrated
Circuit
Systems, Inc.
ICS85454-01
DUAL 2:1/1:2
DIFFERENTIAL-TO-LVDS MULTIPLEXER
ADDITIVE PHASE JITTER
Additive Phase Jitter at
622.08MHz (12kHz - 20MHz)
= 0.05ps (typical)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
10
100
1k
10k
100k
1M
10M
100M
The spectral purity in a band at a specific offset from the
fundamental compared to the power of the fundamental is
called the
dBc Phase Noise. This value is normally expressed
using a Phase noise plot and is most often the specified plot
in many applications. Phase noise is defined as the ratio of
the noise power present in a 1Hz band at a specified offset
from the fundamental frequency to the power value of the
fundamental. This ratio is expressed in decibels (dBm) or a
As with most timing specifications, phase noise measure-
ments have issues. The primary issue relates to the limita-
tions of the equipment. Often the noise floor of the equipment
is higher than the noise floor of the device. This is illustrated
ratio of the power in the 1Hz band to the power in the funda-
mental. When the required offset is specified, the phase noise
is called a
dBc value, which simply means dBm at a specified
offset from the fundamental. By investigating jitter in the fre-
quency domain, we get a better understanding of its effects
on the desired application over the entire time record of the
signal. It is mathematically possible to calculate an expected
bit error rate given a phase noise plot.
above. The device meets the noise floor of what is shown, but
can actually be lower. The phase noise is dependant on the
input source and measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)


Similar Part No. - ICS85454AK-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02 IDT-ICS8545AG-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LF RENESAS-ICS8545AG-02LF Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS85454AK-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
   12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
   12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com