Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYWM6934 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWM6934
Description  WirelessUSB LS??Radio Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWM6934 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWM6934_06 Datasheet HTML 1Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 2Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 3Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 4Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 5Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 6Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 7Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 8Page - Cypress Semiconductor CYWM6934_06 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
WirelessUSB LS™ Radio Module
CYWM6934
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134
408-943-2600
Document 38-16012 Rev. *A
Revised October 10, 2006
1.0
Features
• The CYWM6934 LS™ 2.4-GHz DSSS Radio SoC Module
includes radio (CYWUSB6934), antenna, and all external
components
• Complete Radio Module with PCB Trace Antenna
• Operates in the unlicensed Industrial, Scientific, and
Medical (ISM) band (2.4 GHz–2.483 GHz)
• –90-dBm receive sensitivity
• Up to 0-dBm output power
• Range of up to 10 meters or more
• Data throughput of up to 62.5 kbits/sec
• SPI microcontroller interface (up to 2 MHz data rate)
• Operating voltage from 2.7V to 3.6V
• Small PCBA Design: 0.975” (24.38 mm) by 0.65” (16.25
mm) by 0.212” (5.3 mm) (L x W x H)
• FCC Modular Approval Grant to meet FCC Part 15, EN 300
328-1, EN 301 489-1, and Industry Canada RSS-210
standards
• An FCC Module Approval (MA) Grant provides customers
significant cost savings, by allowing customers to adopt the
CYWM6934 FCC ID into their own products
2.0
Functional Description
The CYWM6934 WirelessUSB LS
™ Radio Module offers a
complete radio module solution for integration into existing or
new 2.4-GHz products.
The CYWM6934 is tested for functional operation and is
FCC/ETSI(EU)/Industry pre-certified. The module is supplied
with an integrated PCB trace antenna.
The CYWM6934 is available in a small PCBA design and can
be mounted horizontally to the device PCB via a 12-pin
header. The pin-out of the header is shown in Figure 5-1.
3.0
Applications
• PC Human Interface Devices (HID)
—Mice
— Keyboards
— Joysticks
• Peripheral Gaming Devices
— Game Controllers
— Console Keyboards
• General
— Presenter Tools
— Remote Controls
— Consumer Electronics
— Barcode Scanners
— POS Peripherals
—Toys
WirelessUSB LS
CYWUSB6934 Silicon
Vcc
13MHz
Crystal
RFOUT
3.3 nH
RFIN
2.0 pF
PCB Trace
Antenna
CYW USB6934
27 pF
1.2 pF
2.2 nH
2.0 pF
10
12-pin
2mm
header
Bypass capacitors
Vcc
CYWM6934 Module
[+] Feedback
[+] Feedback


Similar Part No. - CYWM6934_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
More results

Similar Description - CYWM6934_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6934 CYPRESS-CYWM6934 Datasheet
492Kb / 6P
   WirelessUSB LS Radio Module
CYWM6935 CYPRESS-CYWM6935 Datasheet
564Kb / 5P
   WirelessUSB LR Radio Module
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWM6935 CYPRESS-CYWM6935_06 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935 CYPRESS-CYWM6935_11 Datasheet
627Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935PAEC CYPRESS-CYWM6935PAEC Datasheet
404Kb / 10P
   WirelessUSB??LRPA Radio Module
CYWUSB6941 CYPRESS-CYWUSB6941 Datasheet
197Kb / 14P
   WirelessUSB EX Radio
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com