Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0204RB-BGC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYV15G0204RB-BGC
Description  Independent Clock Dual HOTLink II??Reclocking Deserializer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0204RB-BGC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYV15G0204RB-BGC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 9Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 10Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 11Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 12Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 13Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 14Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CYV15G0204RB
Document #: 38-02103 Rev. *C
Page 11 of 24
During the time that the Range Control forces the RXPLL VCO
to track TRGCLKx±, the LFIx output is asserted LOW. After a
valid serial data stream is applied, it may take up to one
RANGE CONTROL SAMPLING PERIOD before the PLL
locks to the input data stream, after which LFIx will be HIGH.
The operating serial signaling-rate and allowable range of
TRGCLK± frequencies are listed in Table 2.
Receive Channel Enabled
The CYV15G0204RB contains two receive channels that can
be independently enabled and disabled. Each channel can be
enabled or disabled separately through the RXPLLPDx input
latch as controlled by the device configuration interface. When
the RXPLLPDx latch = 0, the associated PLL and analog
circuitry of the channel is disabled. Any disabled channel
indicates a constant link fault condition on the LFIx output.
When RXPLLPDx = 1, the associated PLL and receive
channel is enabled to receive a serial stream.
Note. When a disabled receive channel is reenabled, the
status of the associated LFIx output and data on the parallel
outputs for the associated channel may be indeterminate for
up to 2 ms.
Clock/Data Recovery
The extraction of a bit-rate clock and recovery of bits from each
received serial stream is performed by a separate CDR block
within each receive channel. The clock extraction function is
performed by an integrated PLL that tracks the frequency of
the transitions in the incoming bit stream and align the phase
of the internal bit-rate clock to the transitions in the selected
serial data stream.
Each CDR accepts a character-rate (bit-rate
÷ 10) or
half-character-rate (bit-rate
÷ 20) training clock from the
associated TRGCLKx± input. This TRGCLKx± input is used to
• ensure that the VCO (within the CDR) is operating at the
correct frequency (rather than a harmonic of the bit-rate)
• reduce PLL acquisition time
• limit unlocked frequency excursions of the CDR VCO when
there is no input data present at the selected Serial Line
Receiver.
Regardless of the type of signal present, the CDR attempts to
recover a data stream from it. If the signalling rate of the
recovered data stream is outside the limits set by the range
control monitors, the CDR tracks TRGCLKx± instead of the
data stream. Once the CDR output (RXCLK±) frequency
returns back close to TRGCLKx± frequency, the CDR input is
switched back to the input data stream. If no data is present at
the selected line receiver, this switching behavior may result
in brief RXCLK± frequency excursions from TRGCLKx±.
However, the validity of the input data stream is indicated by
the LFIx output. The frequency of TRGCLKx± is required to be
within ±1500ppm[21] of the frequency of the clock that drives
the reference clock input of the remote transmitter to ensure a
lock to the incoming data stream. This large ppm tolerance
allows the CDR PLL to reliably receive a 1.485 or 1.485/1.001
Gbps SMPTE HD-SDI data stream with a constant TRGCLK
frequency.
For systems using multiple or redundant connections, the LFIx
output can be used to select an alternate data stream. When
an LFIx indication is detected, external logic can toggle
selection of the associated INx1± and INx2± input through the
associated INSELx input. When a port switch takes place, it is
necessary for the receive PLL for that channel to reacquire the
new serial stream.
Reclocker
Each receive channel performs a reclocker function on the
incoming serial data. To do this, the Clock and Data Recovery
PLL first recovers the clock from the data. The data is retimed
by the recovered clock and then passed to an output register.
Also, the recovered character clock from the receive PLL is
passed to the reclocker output PLL which generates the bit
clock that is used to clock the retimed data into the output
register. This data stream is then transmitted through the
differential serial outputs.
Reclocker Serial Output Drivers
The serial output interface drivers use differential Current
Mode Logic (CML) drivers to provide source-matched drivers
for 50
Ω transmission lines. These drivers accept data from the
reclocker output register in the reclocker channel. These
drivers have signal swings equivalent to that of standard PECL
drivers, and are capable of driving AC-coupled optical
modules or transmission lines.
Reclocker Output Channels Enabled
Each driver can be enabled or disabled separately via the
device configuration interface.
When a driver is disabled via the configuration interface, it is
internally powered down to reduce device power. If both
reclocker serial drivers for a channel are in this disabled state,
the associated internal reclocker logic is also powered down.
The deserialization logic and parallel outputs will remain
enabled. A device reset (RESET sampled LOW) disables all
output drivers.
Note. When the disabled reclocker function (i.e., both outputs
disabled) is re-enabled, the data on the reclocker serial
outputs may not meet all timing specifications for up to 250
μs.
Output Bus
Each receive channel presents a 10-bit data signal (and a
BIST status signal when RXBISTx[1:0] = 10).
Receive BIST Operation
Each receiver channel contains an internal pattern checker
that can be used to validate both device and link operation.
Table 2. Operating Speed Settings
SPDSELx
TRGRATEx
TRGCLKx±
Frequency
(MHz)
Signaling
Rate (Mbps)
LOW
1
reserved
195–400
0
19.5–40
MID (Open)
1
20–40
400–800
0
40–80
HIGH
1
40–75
800–1500
0
80–150
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0204RB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0204RB-BGC CYPRESS-CYV15G0204RB-BGC Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
More results

Similar Description - CYV15G0204RB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0204RB CYPRESS-CYV15G0204RB_09 Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0404RB CYPRESS-CYV15G0404RB Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0204TRB CYPRESS-CYV15G0204TRB Datasheet
815Kb / 31P
   Independent Clock HOTLink II Dual Serializer and Dual Reclocking Deserializer
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB Datasheet
526Kb / 19P
   Independent Clock Dual HOTLink II Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com