Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0403DXB-BGXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYV15G0403DXB-BGXI
Description  Independent Clock Quad HOTLink II??Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0403DXB-BGXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYV15G0403DXB-BGXI Datasheet HTML 1Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 2Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 3Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 4Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 5Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 6Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 7Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 8Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Independent Clock Quad HOTLink II™
Transceiver
CYP15G0403DXB
CYV15G0403DXB
CYW15G0403DXB
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-02065 Rev. *F
Revised May 2, 2007
Features
• Second-generation HOTLink® technology
• Compliant to multiple standards
— ESCON, DVB-ASI, SMPTE-292M, SMPTE-259M, Fibre
Channel and Gigabit Ethernet (IEEE802.3z)
— CPRI™ compliant
— CYW15G0403DXB compliant to OBSAI-RP3
— 8B/10B coded data or 10 bit uncoded data
• Quad channel transceiver operates from 195 to
1500 MBaud serial data rate
— CYW15G0403DXB operates from 195 to 1540 MBaud
— Aggregate throughput of up to 12 Gbits/second
• Second-generation HOTLink technology
• Truly independent channels
— Each channel can operate at a different signaling rate
— Each channel can transport a different type of data
• Selectable input/output clocking options
• Internal phase-locked loops (PLLs) with no external PLL
components
• Dual differential PECL-compatible serial inputs per channel
• Internal DC-restoration
• Dual differential PECL-compatible serial outputs per
channel
— Source matched for 50
Ω transmission lines
— No external bias resistors required
— Signaling-rate controlled edge-rates
• MultiFrame™ Receive Framer provides alignment options
— Bit and byte alignment
— Comma or Full K28.5 detect
— Single or Multi-byte Framer for byte alignment
— Low-latency option
• Synchronous LVTTL parallel interface
• JTAG boundary scan
• Built-In Self-Test (BIST) for at-speed link testing
• Compatible with
— Fiber-optic modules
— Copper cables
— Circuit board traces
• Per-channel Link Quality Indicator
— Analog signal detect
— Digital signal detect
• Low-power 3W @ 3.3V typical
• Single 3.3V supply
• 256-ball thermally enhanced BGA
• Pb-Free package option available
•0.25
μ BiCMOS technology
Functional Description
The
CYP(V)15G0403DXB[1]
Independent
Clock
Quad
HOTLink II™ Transceiver is a point-to-point or point-to-multi-
point communications building block enabling transfer of data
over a variety of high-speed serial links like optical fiber,
balanced, and unbalanced copper transmission lines. The
signaling rate can be anywhere in the range of 195 to 1500
MBaud per serial link. Each channel operates independently
with its own reference clock allowing different rates. Each
transmit channel accepts parallel characters in an Input
Register, encodes each character for transport, and then
converts it to serial data. Each receive channel accepts serial
data and converts it to parallel data, decodes the data into
characters, and presents these characters to an Output
Register. Figure 1 on page 2 illustrates typical connections
between independent host systems and corresponding
CYP(V)(W)15G0403DXB chips
The CYW15G0403DXB[1] operates from 195 to 1540 MBaud,
which includes operation at the OBSAI RP3 datarate of both
1536 MBaud and 768 MBaud.
The CYV15G0403DXB satisfies the SMPTE-259M and
SMPTE-292M compliance as per SMPTE EG34-1999 Patho-
logical Test Requirements.
As
a
second-generation
HOTLink
device,
the
CYP(V)(W)15G0403DXB extends the HOTLink family with
enhanced levels of integration and faster data rates, while
maintaining serial-link compatibility (data, command, and
BIST) with other HOTLink devices. The transmit (TX) section
of the CYP(V)(W)15G0403DXB Quad HOTLink II consists of
four independent byte-wide channels. Each channel can
accept either 8-bit data characters or preencoded 10-bit trans-
mission characters. Data characters may be passed from the
Transmit Input Register to an integrated 8B/10B Encoder to
improve their serial transmission characteristics. These
encoded characters are then serialized and output from dual
Positive ECL (PECL) compatible differential transmission-line
drivers at a bit-rate of either 10 or 20 times the input reference
clock for that channel.
.
Note
1. CYV15G0403DXB refers to SMPTE 259M and SMPTE 292M compliant devices. CYW15G0403DXB refers to OBSAI RP3 compliant devices (maximum operating
data rate is 1540 MBaud). CYP15G0403DXB refers to devices not compliant to SMPTE 259M and SMPTE 292M pathological test requirements and also OBSAI
RP3 operating datarate of 1536 MBaud. CYP(V)(W)15G0403DXB refers to all three devices.
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0403DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0403DXB-BGXI CYPRESS-CYV15G0403DXB-BGXI Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
More results

Similar Description - CYV15G0403DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com