Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0104TRB-BGXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYV15G0104TRB-BGXC
Description  Independent Clock HOTLink II??Serializer and Reclocking Deserializer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0104TRB-BGXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYV15G0104TRB-BGXC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 9Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 10Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 11Page - Cypress Semiconductor CYV15G0104TRB-BGXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CYV15G0104TRB
Document #: 38-02100 Rev. *C
Page 8 of 28
ULCA
LVTTL Input,
internal pull-up
Use Local Clock. When ULCA is LOW, the RXPLL is forced to lock to TRGCLKA± instead
of the received serial data stream. While ULCA is LOW, the link fault indicator LFIA is
LOW indicating a link fault.
When ULCA is HIGH, the RXPLL performs Clock and Data Recovery functions on the
input data streams. This function is used in applications in which a stable RXCLKA± is
needed. In cases when there is an absence of valid data transitions for a long period of
time, or the high-gain differential serial inputs (INA±) are left floating, there may be brief
frequency excursions of the RXCLKA± outputs from TRGCLKA±.
SPDSELA
SPDSELB
3-Level Select[4]
static control input
Serial Rate Select. The SPDSELA and SPDSELB inputs specify the operating
signaling-rate range of the receive and transmit PLL, respectively.
LOW = 195 – 400 MBd
MID = 400 – 800 MBd
HIGH = 800 – 1500 MBd.
INSELA
LVTTL Input,
asynchronous
Receive Input Selector. The INSELA input determines which external serial bit stream
is passed to the receiver’s Clock and Data Recovery circuit. When INSELA is HIGH, the
Primary Differential Serial Data Input, INA1±, is selected for the receive channel. When
INSELA is LOW, the Secondary Differential Serial Data Input, INA2±, is selected for the
receive channel.
LFIA
LVTTL Output,
asynchronous
Link Fault Indication Output. LFIA is an output status indicator signal. LFIA is the logical
OR of six internal conditions. LFIA is asserted LOW when any of the following conditions
is true:
• Received serial data rate outside expected range
• Analog amplitude below expected levels
• Transition density lower than expected
• Receive channel disabled
•ULCA is LOW
• Absence of TRGCLKA±.
Device Configuration and Control Bus Signals
WREN
LVTTL input,
asynchronous,
internal pull-up
Control Write Enable. The WREN input writes the values of the DATA[6:0] bus into the
latch specified by the address location on the ADDR[2:0] bus.[5]
ADDR[2:0]
LVTTL input
asynchronous,
internal pull-up
Control Addressing Bus. The ADDR[2:0] bus is the input address bus used to configure
the device. The WREN input writes the values of the DATA[6:0] bus into the latch specified
by the address location on the ADDR[2:0] bus.[5] Table 4 lists the configuration latches
within the device, and the initialization value of the latches upon the assertion of RESET.
Table 5 shows how the latches are mapped in the device.
DATA[6:0]
LVTTL input
asynchronous,
internal pull-up
Control Data Bus. The DATA[6:0] bus is the input data bus used to configure the device.
The WREN input writes the values of the DATA[6:0] bus into the latch specified by address
location on the ADDR[2:0] bus.[5 ] Table 4 on page 14 lists the configuration latches within
the device, and the initialization value of the latches upon the assertion of RESET. Table
5 on page 15 shows how the latches are mapped in the device.
Internal Device Configuration Latches
RXRATEA
Internal Latch[6]
Receive Clock Rate Select.
SDASEL[2..1]
A[1:0]
Internal Latch[6]
Signal Detect Amplitude Select.
Notes
4. 3-Level Select inputs are used for static configuration. These are ternary inputs that make use of logic levels of LOW, MID, and HIGH. The LOW level is usually
implemented by direct connection to VSS (ground). The HIGH level is usually implemented by direct connection to VCC (power). The MID level is usually
implemented by not connecting the input (left floating), which allows it to self bias to the proper level.
5. See “Device Configuration and Control Interface” on page 13 for detailed information on the operation of the Configuration Interface.
6. See “Device Configuration and Control Interface” on page 13 for detailed information on the internal latches.
Pin Definitions (continued)
CYV15G0104TRB HOTLink II Serializer and Reclocking Deserializer
Name
I/O Characteristics
Signal Description
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0104TRB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0104TRB-BGXC CYPRESS-CYV15G0104TRB-BGXC Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
More results

Similar Description - CYV15G0104TRB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0204TRB CYPRESS-CYV15G0204TRB Datasheet
815Kb / 31P
   Independent Clock HOTLink II Dual Serializer and Dual Reclocking Deserializer
CYV15G0204RB CYPRESS-CYV15G0204RB Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0204RB CYPRESS-CYV15G0204RB_09 Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
CYV15G0404RB CYPRESS-CYV15G0404RB Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com