Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYP15G0403DXB-BGXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYP15G0403DXB-BGXC
Description  Independent Clock Quad HOTLink II??Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0403DXB-BGXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYP15G0403DXB-BGXC Datasheet HTML 7Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 8Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 9Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 10Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 11Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 12Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 13Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 14Page - Cypress Semiconductor CYP15G0403DXB-BGXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
CYP15G0403DXB
CYV15G0403DXB
CYW15G0403DXB
Document #: 38-02065 Rev. *F
Page 11 of 45
LFIA
LFIB
LFIC
LFID
LVTTL Output,
asynchronous
Link Fault Indication Output. LFIx is an output status indicator signal. LFIx is the
logical OR of six internal conditions. LFIx is asserted LOW when any of the following
conditions is true:
• Received serial data rate outside expected range
• Analog amplitude below expected levels
• Transition density lower than expected
• Receive channel disabled
•ULCx is LOW
• Absence of REFCLKx±.
Device Configuration and Control Bus Signals
WREN
LVTTL input,
asynchronous,
internal pull-up
Control Write Enable. The WREN input writes the values of the DATA[7:0] bus into
the latch specified by the address location on the ADDR[3:0] bus.[5]
ADDR[3:0]
LVTTL input
asynchronous,
internal pull-up
Control Addressing Bus. The ADDR[3:0] bus is the input address bus used to
configure the device. The WREN input writes the values of the DATA[7:0] bus into the
latch specified by the address location on the ADDR[3:0] bus.[5] Table 9 on page 20
lists the configuration latches within the device, and the initialization value of the
latches upon the assertion of RESET. Table 10 on page 24 shows how the latches
are mapped in the device.
DATA[7:0]
LVTTL input
asynchronous,
internal pull-up
Control Data Bus. The DATA[7:0] bus is the input data bus used to configure the
device. The WREN input writes the values of the DATA[7:0] bus into the latch
specified by address location on the ADDR[3:0] bus.[5 ] Table 9 lists the configuration
latches within the device, and the initialization value of the latches upon the assertion
of RESET. Table 10 shows how the latches are mapped in the device.
Internal Device Configuration Latches
RFMODE[A..D][1:0] Internal Latch[6]
Reframe Mode Select.
FRAMCHAR[A..D] Internal Latch[6]
Framing Character Select.
DECMODE[A..D]
Internal Latch[6]
Receiver Decoder Mode Select.
DECBYP[A..D]
Internal Latch[6]
Receiver Decoder Bypass.
RXCKSEL[A..D]
Internal Latch[6]
Receive Clock Select.
RXRATE[A..D]
Internal Latch[6]
Receive Clock Rate Select.
SDASEL[A..D][1:0] Internal Latch[6]
Signal Detect Amplitude Select.
ENCBYP[A..D]
Internal Latch[6]
Transmit Encoder Bypassed.
TXCKSEL[A..D]
Internal Latch[6]
Transmit Clock Select.
TXRATE[A..D]
Internal Latch[6]
Transmit PLL Clock Rate Select.
RFEN[A..D]
Internal Latch[6]
Reframe Enable.
RXPLLPD[A..D]
Internal Latch[6]
Receive Channel Power Control.
RXBIST[A..D]
Internal Latch[6]
Receive Bist Disabled.
TXBIST[A..D]
Internal Latch[6]
Transmit Bist Disabled.
OE2[A..D]
Internal Latch[6]
Differential Serial Output Driver 2 Enable.
OE1[A..D]
Internal Latch[6]
Differential Serial Output Driver 1 Enable.
Notes
5. See “Device Configuration and Control Interface” on page 20 for detailed information on the operation of the Configuration Interface.
6. See “Device Configuration and Control Interface” on page 20 for detailed information on the internal latches.
Pin Descriptions (continued)
CYP(V)(W)15G0403DXB Quad HOTLink II Transceiver
Name
I/O Characteristics Signal Description
[+] Feedback
[+] Feedback


Similar Part No. - CYP15G0403DXB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB-BGXC CYPRESS-CYP15G0403DXB-BGXC Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB-BGXC CYPRESS-CYP15G0403DXB-BGXC Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
More results

Similar Description - CYP15G0403DXB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com