Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69213 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYRF69213
Description  Programmable Radio on Chip Low Power
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69213 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYRF69213 Datasheet HTML 1Page - Cypress Semiconductor CYRF69213 Datasheet HTML 2Page - Cypress Semiconductor CYRF69213 Datasheet HTML 3Page - Cypress Semiconductor CYRF69213 Datasheet HTML 4Page - Cypress Semiconductor CYRF69213 Datasheet HTML 5Page - Cypress Semiconductor CYRF69213 Datasheet HTML 6Page - Cypress Semiconductor CYRF69213 Datasheet HTML 7Page - Cypress Semiconductor CYRF69213 Datasheet HTML 8Page - Cypress Semiconductor CYRF69213 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
CYRF69213
Document #: 001-07552 Rev. *B
Page 3 of 85
Pinout
Pin
Name
Function
1
P0.4
Individually configured GPIO
2
Xtal_in
12 MHz Crystal. External Clock in
3, 7, 16
VCC
Connected to pin 24 via 0.047-
µF Capacitor.
4
P0.3
Individually configured GPIO
5
P0.1
Individually configured GPIO
6, 9, 39
Vbat
Connected to pin 24 via 0.047-
µFshunt capacitor
8
P2.1
GPIO. Port 2 Bit 1
10
RF Bias
RF pin voltage reference
11
RFp
Differential RF input to/from antenna
12
GND
Ground
13
RFn
Differential RF to/from antenna
14, 17, 18, 20,
36
NC
15
P2.0
GPIO. Port 2 Bit 0
19
RESV
Reserved. Must connect to GND
21
D+
Low-speed USB IO
22
D–
Low-speed USB IO
23
VDD_micro
4.0–5.5 for 12 MHz CPU/4.75–5.5 for 24 MHz CPU
24
P1.2 / VREG
Must be configured as 3.3V output. It must have a 1–2
µF output capacitor
25
P1.3 / nSS
Slave select SPI Pin
26
P1.4 / SCK
Serial Clock Pin from MCU function to radio function
27
IRQ
Interrupt output, configure high/low or GPIO
28
P1.5 / MOSI
Master Out Slave In.
29
MISO
Master In Slave Out, from radio function.Can be configured as GPIO
30
XOUT
Bufferd CLK, PACTL_n or GPIO
31
PACTL
Control for external PA or GPIO
32
P1.6
GPIO. Port 1 Bit 6
33
VIO
I/O interface voltage. Connected to pin 24 via 0.047
µF
34
Reset
Radio Reset. Connected to VDD via 0.47 µF Capacitor or to microcontroller GPIO pin. Must
have a RESET = HIGH event the very first time power is applied to the radio otherwise the
state of the radio function control registers is unknown.
35
P1.7
GPIO. Port 1 Bit 7
36
VDD_1.8
Regulated logic bypass. Connected via 0.47
µF to GND
37
L/D
Connected to GND
38
P0.7
GPIO. Port 0 Bit 7
40
Vreg
Connected to pin 24
41
E-pad
Connected to GND
[+] Feedback
[+] Feedback


Similar Part No. - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com