Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0403DXB Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYV15G0403DXB
Description  Independent Clock Quad HOTLink II??Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0403DXB Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYV15G0403DXB Datasheet HTML 2Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 3Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 4Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 5Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 6Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 7Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 8Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 9Page - Cypress Semiconductor CYV15G0403DXB Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
CYP15G0403DXB
CYV15G0403DXB
CYW15G0403DXB
Document #: 38-02065 Rev. *F
Page 6 of 45
Pin Configuration (Top View)
WREN
ADDR[3:0]
DATA[7:0]
Device Configuration and Control Block Diagram
= Internal Signal
RXRATE[A..D]
FRAMCHAR[A..D]
RFEN[A..D]
RXCKSEL[A..D]
RFMODE[A..D][1:0]
RXBIST[A..D]
DECMODE[A..D]
DECBYP[A..D]
SDASEL[2..1][A..D][1:0]
RXPLLPD[A..D]
TXRATE[A..D]
TXCKSEL[A..D]
TXBIST[A..D]
OE[2..1][A..D]
PABRST[A..D]
ENCBYP[A..D]
GLEN[11..0]
FGLEN[2..0]
Device Configuration
and Control Interface
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
IN
C1–
OUT
C1–
IN
C2–
OUT
C2–
VCC
IN
D1–
OUT
D1–
GND
IN
D2–
OUT
D2–
IN
A1–
OUT
A1–
GND
IN
A2–
OUT
A2–
VCC
IN
B1–
OUT
B1–
IN
B2–
OUT
B2–
B
IN
C1+
OUT
C1+
IN
C2+
OUT
C2+
VCC
IN
D1+
OUT
D1+
GND
IN
D2+
OUT
D2+
IN
A1+
OUT
A1+
GND
IN
A2+
OUT
A2+
VCC
IN
B1+
OUT
B1+
IN
B2+
OUT
B2+
C
TDI
TMS
INSELC INSELB
VCC
ULCD
ULCC
GND
DATA
[7]
DATA
[5]
DATA
[3]
DATA
[1]
GND
NC
SPD
SELD
VCC
LDTD
EN
TRST
LPEND
TDO
D
TCLK
RESET INSELD INSELA
VCC
ULCA
SPD
SELC
GND
DATA
[6]
DATA
[4]
DATA
[2]
DATA
[0]
GND
LPENB
ULCB
VCC
LPENA LTEN1
SCAN
EN2
TMEN3
E
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
F
RX
DC[6]
RX
DC[7]
TX
DC[0]
NC
NC
RX
STB[1]
TX
CLKOB
RX
STB[0]
G
TX
DC[7]
WREN
TX
DC[4]
TX
DC[1]
SPD
SELB
LP
ENC
SPD
SELA
RX
DB[1]
H
GND
GND
GND
GND
GND
GND
GND
GND
J
TX
CTC[1]
TX
DC[5]
TX
DC[2]
TX
DC[3]
RX
STB[2]
RX
DB[0]
RX
DB[5]
RX
DB[2]
K
RX
DC[2]
REF
CLKC–
TX
CTC[0]
TX
CLKC
RX
DB[3]
RX
DB[4]
RX
DB[7]
LFIB
L
RX
DC[3]
REF
CLKC+
LFIC
TX
DC[6]
RX
DB[6]
RX
CLKB+
RX
CLKB–
TX
DB[6]
M
RX
DC[4]
RX
DC[5]
NC
TX
ERRC
REF
CLKB+
REF
CLKB–
TX
ERRB
TX
CLKB
N
GND
GND
GND
GND
GND
GND
GND
GND
P
RX
DC[1]
RX
DC[0]
RX
STC[0]
RX
STC[1]
TX
DB[5]
TX
DB[4]
TX
DB[3]
TX
DB[2]
R
RX
STC[2]
TX
CLKOC
RX
CLKC+
RX
CLKC–
TX
DB[1]
TX
DB[0]
TX
CTB[1]
TX
DB[7]
T
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
U
TX
DD[0]
TX
DD[1]
TX
DD[2]
TX
CTD[1]
VCC
RX
DD[2]
RX
DD[1]
GND
TX
CTA[1]
ADDR
[0]
REF
CLKD–
TX
DA[1]
GND
TX
DA[4]
TX
CTA[0]
VCC
RX
DA[2]
TX
CTB[0]
RX
STA[2]
RX
STA[1]
V
TX
DD[3]
TX
DD[4]
TX
CTD[0]
RX
DD[6]
VCC
RX
DD[3]
RX
STD[0]
GND
RX
STD[2]
ADDR
[2]
REF
CLKD+
TX
CLKOA
GND
TX
DA[3]
TX
DA[7]
VCC
RX
DA[7]
RX
DA[3]
RX
DA[0]
RX
STA[0]
W
TX
DD[5]
TX
DD[7]
LFID
RX
CLKD–
VCC
RX
DD[4]
RX
STD[1]
GND
ADDR
[3]
ADDR
[1]
RX
CLKA+
TX
ERRA
GND
TX
DA[2]
TX
DA[6]
VCC
LFIA
REF
CLKA+
RX
DA[4]
RX
DA[1]
Y
TX
DD[6]
TX
CLKD
RX
DD[7]
RX
CLKD+
VCC
RX
DD[5]
RX
DD[0]
GND
TX
CLKOD
NC
TX
CLKA
RX
CLKA–
GND
TX
DA[0]
TX
DA[5]
VCC
TX
ERRD
REF
CLKA–
RX
DA[6]
RX
DA[5]
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0403DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0403DXB CYPRESS-CYV15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0403DXB CYPRESS-CYV15G0403DXB Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYV15G0403DXB-BGC CYPRESS-CYV15G0403DXB-BGC Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0403DXB-BGC CYPRESS-CYV15G0403DXB-BGC Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYV15G0403DXB-BGI CYPRESS-CYV15G0403DXB-BGI Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
More results

Similar Description - CYV15G0403DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com