Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11692JH Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LB11692JH
Description  Monolithic Digital IC 24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11692JH Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11692JH Datasheet HTML 4Page - Sanyo Semicon Device LB11692JH Datasheet HTML 5Page - Sanyo Semicon Device LB11692JH Datasheet HTML 6Page - Sanyo Semicon Device LB11692JH Datasheet HTML 7Page - Sanyo Semicon Device LB11692JH Datasheet HTML 8Page - Sanyo Semicon Device LB11692JH Datasheet HTML 9Page - Sanyo Semicon Device LB11692JH Datasheet HTML 10Page - Sanyo Semicon Device LB11692JH Datasheet HTML 11Page - Sanyo Semicon Device LB11692JH Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LB11692JH
No.A0333-9/12
LB11692JH Overview
1. Output Drive Circuit
The LB11692JH uses a direct PWM drive technique. Since the motor speed can be controlled by holding the supply
voltage constant and changing the output duty, the power supply design can be simplified compared to designs used
with techniques that vary the supply voltage (such as PAM drive). The low side output transistor is switched with a
pulse-width modulated signal and the drive output is adjusted by changing the duty. The LB11692JH includes built-
in output diodes for the regenerative currents that occur when the PWM signal is off and during phase switching.
2. Power Supply Stabilization
Since the LB11692JH uses a control method based on PWM switching, the power supply lines are susceptible to
disruption. Electrolytic capacitors with an adequate capacitance for stabilization must be connected between VCC
and ground. If diodes are inserted in the power supply lines to prevent destruction of the equipment if the power
supply is connected in reverse, the power supply lines will be particularly susceptible to disruption. In this case, even
larger capacitors must be used. The connected electrolytic capacitors must be located as close as possible to the IC
pins (VCC, VM, and GND2). If the electrolytic capacitors cannot be attached close to the pins due to problems with
the heat sink or other issues, ceramic capacitors of about 0.1µF must be attached close to the pins.
3. VREG Pin
At the same time as being the 5V regulator output, the VREG pin is also the power supply for the IC internal control
circuits. Therefore, a capacitor of at least 0.1µF must be connected between the VREG pin and ground to stabilize the
control circuit power supply. The ground side of the connected capacitor must be connected to the GND1 pin with as
short a line as possible.
4. FC Pin
The capacitor connected to the FC pin is required to correct the control loop's frequency characteristics.
(It should be about 0.1
µF.)
5. VD Pin
The VD pin supplies the low side output transistor drive current (a maximum of about 0.1A).
The IC internal power consumption is suppressed by connecting a resistor between the VCC and VD pins and
dividing power consumption due to the low side output transistor drive current with that resistor. Although the IC
internal power consumption due to the drive current can be reduced by lowering the VD pin voltage, a voltage of at
least 4V must be assured at the VD pin. Use a resistor in the range from about 50
Ω (0.5W) to about 100Ω (1W)
between the VCC and VD pins when the LB11692JH is used with VCC = 24V.
6. Hall Effect Sensor Input Signals
Signals with amplitudes greater than 80mVp-p are required for the Hall effect sensor inputs. If possible, we
recommend providing signal amplitudes in excess of 100mVp-p to minimize the effects of noise. Add capacitors
across the Hall inputs (between the + and - sides of each input) if the output waveforms are disrupted by noise during
phase switching.
7. Current Limiter Circuit
The current limiter circuit limits the peak value of the output current to a current determined by the equation I =
VRF/Rf (where VRF = 0.5V (typical), Rf = current detection resistor value). When the limiter operates, it suppresses
the current by PWM control of the low side output transistor at the PWM frequency determined by the external
capacitor connected to the PWM pin, in particular, by reducing the on duty.


Similar Part No. - LB11692JH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690H SANYO-LB11690H Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
More results

Similar Description - LB11692JH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com