Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPI1290-080 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPI1290-080
Description  Fiber Optic Isolator-Photologic Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI1290-080 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPI1290-080 Datasheet HTML 1Page - OPTEK Technologies OPI1290-080 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
08/07
Page 1 of 2
Fiber Optic Isolator—Photologic
® Sensor
OPI1290 Series
Applications:
Requiring High Voltage isolation between input
and output
Electrical isolation in dirty environments
Industrial equipment
Medical equipment
Office equipment
Features:
Opaque plastic housings
High noise immunity
Visible Red LED with Phototranisitor Output
0.05” (1.27 mm) lead spacing
Data Transfer through plastic fiber optic cable
Isolation voltage 15 KV (OPI1290-032), Longer versions higher
RoHS
Description:
Each OPI1290 consists of a visible Red LED and a Photologic® Totem-Pole output sensor, which are housed in separate
opaque molded plastic housings and coupled by plastic fiber optic cable. The heavy-duty opaque housing shields the optical
signal from dust, making this series of devices ideal for dust contaminated environments.
The OPI1290 series are designed for applications that require high voltage isolation between input and output or signal
communication over short distances. Depending on the length of the fiber optic cable, the emitter does not have to be optically
in-line with the sensor. The isolation voltage is greater than 10 K volts per inch (Isolation distance between components) for all
versions of the OPI1290.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Pin #
LED
1
Anode
2
Cathode
3
VCC
4
Output
5
Ground
Device
Device
Length
[9.0]
-.355
-
Anode
Cathode
VCC
Output
Ground
Ordering Information
Part
Number
LED Peak
Wavelength
Lead
Length
OPI1290-018
645 nm
OPI1290-026
OPI1290-032
0.45”
[11.4 mm]
Device
Length
1.26” [32.0 mm]
1.57” [40.0 mm]
1.80” [45.8 mm]
Isolation
Distance
0.71” [18 mm]
1.02” [26 mm]
1.26” [32 mm]
OPI1290-040
1.57” [40 mm]
2.12” [53.8 mm]
OPI1290-066
2.60” [66 mm]
3.15” [80.0 mm]
OPI1290-080
3.15” [80 mm]
3.69” [93.8 mm]


Similar Part No. - OPI1290-080

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI1290-080 TTELEC-OPI1290-080 Datasheet
640Kb / 2P
   Fiber Optic Isolator - Photologic짰 Sensor
More results

Similar Description - OPI1290-080

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI1280 OPTEK-OPI1280 Datasheet
121Kb / 2P
   Fiber Optic Isolator-Phototransistor Sensor
logo
TT Electronics.
OPI1290 TTELEC-OPI1290 Datasheet
640Kb / 2P
   Fiber Optic Isolator - Photologic짰 Sensor
logo
OPTEK Technologies
OP1270 OPTEK-OP1270 Datasheet
253Kb / 2P
   Axial Fiber Optic Isolator
logo
TT Electronics.
OPI1270 TTELEC-OPI1270 Datasheet
290Kb / 2P
   Axial Fiber Optic Isolator
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
logo
List of Unclassifed Man...
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
logo
TT Electronics.
OPL530 TTELEC-OPL530 Datasheet
813Kb / 10P
   Photologic Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com