Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDC064B08 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYDC064B08
Description  1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC064B08 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYDC064B08 Datasheet HTML 5Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 6Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 7Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 8Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 9Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 10Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 11Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 12Page - Cypress Semiconductor CYDC064B08 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CYDC256B16, CYDC128B16,
CYDC064B16, CYDC128B08,
CYDC064B08
Document #: 001-01638 Rev. *E
Page 9 of 26
Maximum Ratings[23]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied.............................................–55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +3.3V
DC Voltage Applied to
Outputs in High-Z State..........................–0.5V to VCC + 0.5V
DC Input Voltage[24] ...............................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 90 mA
Static Discharge Voltage.......................................... > 2000V
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
1.8V ± 100 mV
2.5V ± 100 mV
3.0V ± 300 mV
Industrial
–40°C to +85°C
1.8V ± 100 mV
2.5V ± 100 mV
3.0V ± 300 mV
Electrical Characteristics for VCC = 1.8V Over the Operating Range
Parameter
Description
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08,
CYDC064B08
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08,
CYDC064B08
Unit
-40
-55
P1 I/O
Voltage
P2 I/O
Voltage
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage (IOH = –100 µA)
1.8V (any port)
VDDIO
– 0.2
VDDIO
– 0.2
V
Output HIGH Voltage (IOH = –2 mA)
2.5V (any port)
2.0
2.0
V
Output HIGH Voltage (IOH = –2 mA)
3.0V (any port)
2.1
2.1
V
VOL
Output LOW Voltage (IOL = 100 µA)
1.8V (any port)
0.2
0.2
V
Output HIGH Voltage (IOL = 2 mA)
2.5V (any port)
0.4
0.4
V
Output HIGH Voltage (IOL = 2 mA)
3.0V (any port)
0.4
0.4
V
VOL ODR
ODR Output LOW Voltage (IOL = 8 mA)
1.8V (any port)
0.2
0.2
V
2.5V (any port)
0.2
0.2
V
3.0V (any port)
0.2
0.2
V
VIH
Input HIGH Voltage
1.8V (any port)
1.2
VDDIO
+ 0.2
1.2
VDDIO
+ 0.2
V
2.5V (any port)
1.7
VDDIO
+ 0.3
1.7
VDDIO
+ 0.3
V
3.0V (any port)
2.0
VDDIO
+ 0.2
2.0
VDDIO
+ 0.2
V
VIL
Input LOW Voltage
1.8V (any port)
–0.2
0.4
–0.2
0.4
V
2.5V (any port)
–0.3
0.6
–0.3
0.6
V
3.0V (any port)
–0.2
0.7
–0.2
0.7
V
IOZ
Output Leakage Current
1.8V
1.8V
–1
1
–1
1
µA
2.5V
2.5V
–1
1
–1
1
µA
3.0V
3.0V
–1
1
–1
1
µA
ICEX ODR ODR Output Leakage Current.
VOUT =VDDIO
1.8V
1.8V
–1
1
–1
1
µA
2.5V
2.5V
–1
1
–1
1
µA
3.0V
3.0V
–1
1
–1
1
µA
Notes:
23. The voltage on any input or I/O pin can not exceed the power pin during power-up.
24. Pulse width < 20 ns.
[+] Feedback
[+] Feedback


Similar Part No. - CYDC064B08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC064B08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com