Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256VLL-70ZRE Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62256VLL-70ZRE
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VLL-70ZRE Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62256VLL-70ZRE Datasheet HTML 1Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 2Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 3Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 4Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 5Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 6Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 7Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 8Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62256V
Document #: 38-05057 Rev. *F
Page 2 of 12
Pin Configurations
Product Portfolio
Product
VCC Range (V)
Speed
Power Dissipation
Operating, ICC (mA)
Standby, ISB2 (µA)
Range
Min.
Typ.[2]
Max.
(ns)
Typ.[2]
Max.
Typ.[2]
Max.
CY62256VLL
Com’l/Ind’l
2.7
3.0
3.6
70
11
30
0.1
5
Automotive
130
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
Narrow SOIC
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O0
I/O1
I/O2
CE
OE
A0
I/O3
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
3
4
20
21
7
6
8
9
OE
A1
A2
A3
A4
WE
VCC
A5
A6
A7
A8
A9
A0
CE
I/O7
I/O6
I/O5
GND
I/O2
I/O1
I/O4
I/O0
A14
A10
A11
A13
A12
I/O3
TSOP I
Top View
(not to scale)
Reverse Pinout
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
3
4
20
21
7
6
8
9
OE
A1
A2
A3
A4
WE
VCC
A5
A6
A7
A8
A9
A0
CE
I/O7
I/O6
I/O5
GND
I/O2
I/O1
I/O4
I/O0
A14
A10
A11
A13
A12
I/O3
TSOP I
Top View
(not to scale)
Pin Definitions
Pin Number
Type
Description
1–10, 21, 23–26
Input
A0–A14. Address Inputs
11–13, 15–19
Input/Output
I/O0–I/O7. Data lines. Used as input or output lines depending on operation
27
Input/Control
WE. When selected LOW, a WRITE is conducted. When selected HIGH, a READ
is conducted
20
Input/Control
CE. When LOW, selects the chip. When HIGH, deselects the chip
22
Input/Control
OE. Output Enable. Controls the direction of the I/O pins. When LOW, the I/O pins
behave as outputs. When deasserted HIGH, I/O pins are Tri-stated, and act as
input data pins
14
Ground
GND. Ground for the device
28
Power Supply
VCC. Power supply for the device
Note:
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C, and tAA = 70 ns.
[+] Feedback
[+] Feedback


Similar Part No. - CY62256VLL-70ZRE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VLL-70ZRE CYPRESS-CY62256VLL-70ZRE Datasheet
316Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY62256VLL-70ZRE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com