Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256VNLL-70SNXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62256VNLL-70SNXC
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VNLL-70SNXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62256VNLL-70SNXC Datasheet HTML 1Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 2Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 3Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 4Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 5Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 6Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 7Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 8Page - Cypress Semiconductor CY62256VNLL-70SNXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62256VN
Document #: 001-06512 Rev. *A
Page 3 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65°C to + 150°C
Ambient Temperature with
Power Applied............................................ –55°C to + 125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14) .......................................... –0.5V to + 4.6V
DC Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
(TA)
[4]
VCC
CY62256VN Commercial
0
°C to +70°C
2.7V to 3.6V
Industrial
−40°C to +85°C
Automotive-A
−40°C to +85°C
Automotive-E
−40°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-70
Unit
Min.
Typ.[2]
Max.
VOH
Output HIGH Voltage
IOH = −1.0 mA
VCC = 2.7V
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
VCC = 2.7V
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3V
V
VIL
Input Leakage Voltage
–0.5
0.8
V
IIX
Input Leakage Current
GND < VIN < VCC
Com’l/Ind’l/Auto-A
–1
+1
µA
Auto-E
–10
+10
µA
IOZ
Output Leakage Current GND < VIN < VCC, Output
Disabled
Com’l/Ind’l/Auto-A
–1
+1
µA
Auto-E
–10
+10
µA
ICC
VCC Operating Supply
Current
VCC = 3.6V, IOUT = 0 mA,
f = fMAX = 1/tRC
All Ranges
11
30
mA
ISB1
Automatic CE
Power down Current -
TTL Inputs
VCC = 3.6V, CE > VIH,
VIN > VIH or VIN < VIL, f = fMAX
All Ranges
100
300
µA
ISB2
Automatic CE
Power-down Current-
CMOS Inputs
VCC = 3.6V, CE > VCC – 0.3V
VIN > VCC – 0.3V or VIN <
0.3V, f = 0
Com’l
0.1
5
µA
Ind’l/Auto-A
10
Auto-E
130
Notes:
3. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
4. TA is the “Instant-On” case temperature
[+] Feedback


Similar Part No. - CY62256VNLL-70SNXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VNLL-70SNXC CYPRESS-CY62256VNLL-70SNXC Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
CY62256VNLL-70SNXC CYPRESS-CY62256VNLL-70SNXC Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256VNLL-70SNXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com