Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256NLL-55ZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62256NLL-55ZXI
Description  256K (32K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-55ZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62256NLL-55ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 9Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 10Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 11Page - Cypress Semiconductor CY62256NLL-55ZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY62256N
Document #: 001-06511 Rev. *A
Page 8 of 13
Typical DC and AC Characteristics
1.2
1.4
1.0
0.6
0.4
0.2
4.0
4.5
5.0
5.5
6.0
1.6
1.4
1.2
1.0
0.8
55
25
125
55
25
125
1.2
1.0
0.8
120
100
80
60
40
20
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
AMBIENT TEMPERATURE (
°C)
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
0.0
0.8
1.4
1.1
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
120
140
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
0.6
0.4
0.2
0.0
ICC
ICC
ISB
0.6
0.8
0
1.3
1.2
VIN = 5.0V
TA = 25°C
1.4
55
25
105
2.5
2.0
1.5
AMBIENT TEMPERATURE (
°C)
1.0
0.5
0.0
–0.5
ISB
3.0
STANDBY CURRENT
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
VIN = 5.0V
VCC = 5.0V
VCC = 5.0V
VIN = 5.0V
vs. SUPPLY VOLTAGE
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
TA = 25°C
VCC = 5.0V
TA = 25°C
VCC = 5.0V
vs. OUTPUT VOLTAGE
VCC = 5.0V
TA = 25°C
[+] Feedback
[+] Feedback


Similar Part No. - CY62256NLL-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-55ZXI CYPRESS-CY62256NLL-55ZXI Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NLL-55ZXI CYPRESS-CY62256NLL-55ZXI Datasheet
596Kb / 14P
   256K (32K 횞 8) Static RAM
CY62256NLL-55ZXI CYPRESS-CY62256NLL-55ZXI Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results

Similar Description - CY62256NLL-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com