Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB870 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OPB870
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB870 Datasheet(HTML) 5 Page - OPTEK Technologies

  OPB870 Datasheet HTML 1Page - OPTEK Technologies OPB870 Datasheet HTML 2Page - OPTEK Technologies OPB870 Datasheet HTML 3Page - OPTEK Technologies OPB870 Datasheet HTML 4Page - OPTEK Technologies OPB870 Datasheet HTML 5Page - OPTEK Technologies OPB870 Datasheet HTML 6Page - OPTEK Technologies OPB870 Datasheet HTML 7Page - OPTEK Technologies OPB870 Datasheet HTML 8Page - OPTEK Technologies OPB870 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.6
03/07
Page 5 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature(1) (2)
OPB355, OPB360, OPB370, OPB859, OPB860, OPB870 Series
OPB380, OPB390, OPB880, OPB890 Series
-40° C to +100° C
-40° C to +85° C
Operating Temperature(1) (2)
-40° C to +85° C
Lead Soldering Temperature(7)
260° C
Input LED
Forward DC Current
OPB355, OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890
50 mA
Peak Forward Current (1µs pulse width, 300 pps)
1 A
Reverse DC Voltage
2 V
Power Dissipation(2)
75 mW
Output Phototransistor/Diode
Cathode-Anode Reverse Voltage -OPB355
60 V
Emitter-Collector Voltage
5 V
Collector DC Current
30 mA
Power Dissipation(1)
100 mW
Collector-Emitter Voltage
OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890 Series
30 V
Notes:
(1) For wire series (OPB380, OPB390, OPB880 and OPB890), maximum storage and operating temperature is limited by the
temperature rating of the lead wires.
(2) Derate linearly 1.67 mW/° C above 25° C.
(3) For OPB355, OPB360 and OPB370, polarity is denoted by color of housing top: LED (clear); sensor (black).
(4) Cleaning agents methanol and isopropanol are recommended. Spray or wipe; do not submerge.
(5) OPB380 and OPB390 wire terminations have 24” of 7-strand 26 AWG UL 1429 insulated wire on each terminal. These devices
incorporate a wire strain relief at the housing surface. The insulation colors and functions are: IRED anode (red); IRED cathode
(black); phototransistor collector (white); phototransistor emitter (green).
(6) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(7) All parameters were tested using pulse technique.


Similar Part No. - OPB870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB870 ETC-OPB870 Datasheet
484Kb / 10P
   Slotted Optical Switch
logo
TT Electronics.
OPB870 TTELEC-OPB870 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB870 ETC-OPB870 Datasheet
479Kb / 10P
   Slotted Optical Switch
logo
TT Electronics.
OPB870 TTELEC-OPB870 Datasheet
617Kb / 6P
   High Reliability Slotted Optical Switch
logo
List of Unclassifed Man...
OPB870 ETC2-OPB870 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB870

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com