Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB860 Datasheet(PDF) 10 Page - OPTEK Technologies

Part # OPB860
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB860 Datasheet(HTML) 10 Page - OPTEK Technologies

Back Button OPB860 Datasheet HTML 2Page - OPTEK Technologies OPB860 Datasheet HTML 3Page - OPTEK Technologies OPB860 Datasheet HTML 4Page - OPTEK Technologies OPB860 Datasheet HTML 5Page - OPTEK Technologies OPB860 Datasheet HTML 6Page - OPTEK Technologies OPB860 Datasheet HTML 7Page - OPTEK Technologies OPB860 Datasheet HTML 8Page - OPTEK Technologies OPB860 Datasheet HTML 9Page - OPTEK Technologies OPB860 Datasheet HTML 10Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.6
03/07
Page 10 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPB380T55 - Flag Next to Emitter
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Right to Left
Top to Bottom
Aperture Configuration 55 - Flag Next to Emitter
OPB380T55 - Flag Next to Sensor
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Right to Left
Top to Bottom
Aperture Configuration 55 - Flag Next to Sensor
OPB380T55 - Flag in Middle of Slot
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Right to Left
Top to Bottom
Aperture Configuration 55 - Flag in Middle of Slot
Emitter
Sensor
Left to Right
Right to Left
0
Width
Top to Bottom
0


Similar Part No. - OPB860

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB860 ETC-OPB860 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB860 ETC-OPB860 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB860 ETC2-OPB860 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB860 ETC2-OPB860 Datasheet
479Kb / 10P
   0.125 (3.175 mm) slot width
OPB860 ETC2-OPB860 Datasheet
319Kb / 11P
   Slotted Optical Switch
More results

Similar Description - OPB860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com