Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB606B Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB606B
Description  Reflective Object Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB606B Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB606B Datasheet HTML 1Page - OPTEK Technologies OPB606B Datasheet HTML 2Page - OPTEK Technologies OPB606B Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
06/06
Page 1 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB606A, OPB606B, OPB606C
OPB607A, OPB607B, OPB607C
Features:
Choice of phototransistor (OPB606) or photodarlington
(OPB607) output
Unfocused for sensing diffuse surface
Low cost plastic housing
Filtered (OPB606, OPB607)
Description:
OPB606 consists of an infrared Light Emitting Diode (LED) and an NPN silicon phototransistor which are
mounted “side-by-side” on parallel axes in a black opaque plastic housing.
The OPB607 consists of an infrared Light Emitting Diode (LED) and an NPN silicon photodarlington which are
mounted “side-by-side” on parallel axes in a black plastic housing.
The emitting diode and phototransistor of both the OPB606 and OPB607 are encapsulated in a filtering epoxy that
reduces ambient light noise. On both models, the phototransistors respond to radiation from the emitter only
when a reflective object passes within the field of view.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Product Photo Here
Ordering Information
Part
Number
LED Peak
Wavelength
Sensor
Typical Reflection
Distance Inch (mm)
Lead Length /
Spacing
OPB606A
935 nm
Transistor
0.050"
(1.27mm)
OPB606B
OPB606C
OPB607A
Darlington
OPB607B
OPB607C
0.180” [4.6 mm] /
0.240” [6.1 mm]
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
Pin #
LED
Pin # Transistor
4
Cathode
1
Collector
3
Anode
2
Emitter
RoHS
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing structural failure in OPTEK’s molded plastics.
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
OPB606
4
3
1
2
OPB607
4
3
1
2
Measurement Surface


Similar Part No. - OPB606B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB606B OPTEK-OPB606B Datasheet
225Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
TT Electronics.
OPB606B TTELEC-OPB606B Datasheet
1Mb / 3P
   Reflective Object Sensor
More results

Similar Description - OPB606B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com