Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB8500M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB8500M
Description  Monolithic Digital IC DC Fan Motor Speed Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8500M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB8500M Datasheet HTML 1Page - Sanyo Semicon Device LB8500M Datasheet HTML 2Page - Sanyo Semicon Device LB8500M Datasheet HTML 3Page - Sanyo Semicon Device LB8500M Datasheet HTML 4Page - Sanyo Semicon Device LB8500M Datasheet HTML 5Page - Sanyo Semicon Device LB8500M Datasheet HTML 6Page - Sanyo Semicon Device LB8500M Datasheet HTML 7Page - Sanyo Semicon Device LB8500M Datasheet HTML 8Page - Sanyo Semicon Device LB8500M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LB8500M
No.8336-3/15
Package Dimensions
unit : mm (typ)
3086B
Pin Assignment
Pin Functions
Pin
Pin No.
Description
1
RC
One-shot multivibrator pulse width setting. Connect a resistor between this pin and VREG, and a capacitor between this
pin and ground.
2
VREG
6V regulator output. Connect a capacitor between this pin and ground for stabilization.
3
VCC
Power supply. Connect a capacitor between this pin and ground for stabilization.
4
C
Duty pulse signal smoothing and soft start time setting. Connect a capacitor between this pin and VREG.
5
CTL
Duty pulse signal input. The speed is controlled by the duty of this pulse signal.
6
FGIN
FG pulse input
7
LIM
Minimum speed setting. Normally, the 6V regulator level is resistor divided to set this pin's input level.
8
GND
Ground pin
9
EI
One-shot multivibrator output and integrating amplifier input. A capacitor must be connected between this pin and EO for
this integration.
10
EO
Integrating amplifier output.
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
5
4
3
1
RC
2
VREG
VCC
C
CTL
10
9
8
7
6
EO
EI
GND
LIM
FGIN
LB8500M
Top view


Similar Part No. - LB8500M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8502M SANYO-LB8502M Datasheet
95Kb / 11P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8503V SANYO-LB8503V Datasheet
163Kb / 20P
   Monolithic Digital IC DC Fan Motor Speed Control IC
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results

Similar Description - LB8500M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8502M SANYO-LB8502M Datasheet
95Kb / 11P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8503V SANYO-LB8503V Datasheet
163Kb / 20P
   Monolithic Digital IC DC Fan Motor Speed Control IC
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
logo
Sanyo Semicon Device
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com