Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB123A Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB123A
Description  Photologic짰 Slotted Optical Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB123A Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB123A Datasheet HTML 1Page - OPTEK Technologies OPB123A Datasheet HTML 2Page - OPTEK Technologies OPB123A Datasheet HTML 3Page - OPTEK Technologies OPB123A Datasheet HTML 4Page - OPTEK Technologies OPB123A Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Photologic
® Slotted Optical Switch
OPB120A, OPB120B, OPB121A, OPB121B
OPB122A, OPB122B, OPB123A, OPB123B
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
02/06
Page 1 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Features:
• Choice of output configuration
• Printed circuit board mounting
• Opaque plastic housing
• Low profile
• 0.080” (2.03 mm) wide slot
• 0.275” (6.99 mm) lead spacing
Description:
The OPB120 through OPB123 devices consist of an infrared emitting diode and a Photologic® sensor (which is a
monolithic integrated circuit that incorporates a linear amplifier and a Schmitt Trigger). The OPB120 series have
an LED and Photologic® sensor mounted on opposite sides of a 0.080” (2.03 mm) wide gap of an opaque
housing. The OPB12_A series have a molded 0.040” (1.02 mm) wide apertures located over both the emitter and
the Photologic® sensor. The OPB12_B seriesseries have a molded 0.040” (1.016 mm) wide apertures located
over the emitter and 0.010” (0.254 mm) over the Photologic® sensor. All devices in this series have the added
stability utilizing hysteresis built into the amplification circuitry.
The electrical output can be specified as either buffered Totem-Pole (OPB 120A, OPB120B), buffered Open-
Collector (OPB121A, OPB121B), Inverted Totem-Pole (OPB122A, OPB122B), or Inverted Open-Collector
(OPB123A, OPB123B)
.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Product Photo Here
Pin # Description
1
Anode
2
Cathode
3
VCC
4
Output
5
Ground
Ordering Information
Part
Number
Sensor
Photologic®
Aperture
Emitter/
Sensor
OPB120A
0.04" / 0.04"
OPB120B
0.04" / 0.01"
OPB121A
Open-
Collector
0.04" / 0.04"
OPB121B
0.04" / 0.01"
OPB122A
Inverted
Totem-Pole
0.04" / 0.04"
OPB122B
0.04" / 0.01"
OPB123A
Inverted
Open-
Collector
0.04" / 0.04"
OPB123B
0.04" / 0.01"
Totem-Pole
RoHS
Applications:
Mechanical switch replacement
Speed indication (tachometer)
Mechanical limit indication
Edge sensing
Object sensing


Similar Part No. - OPB123A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB123A OPTEK-OPB123A Datasheet
361Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCHES
logo
TT Electronics.
OPB123A TTELEC-OPB123A Datasheet
962Kb / 7P
   Photologic Slotted Optical Switch
More results

Similar Description - OPB123A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com