Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62177DV30 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62177DV30
Description  16-Mbit (2M x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177DV30 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62177DV30 Datasheet HTML 2Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 3Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 4Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 5Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 6Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 7Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 8Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 9Page - Cypress Semiconductor CY62177DV30 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Document #: 001-07721 Rev. *B
Page 10 of 10
CY62168EV30 MoBL®
Document History Page
Document Title: CY62168EV30 MoBL® 16-Mbit (2M x 8) Static RAM
Document Number: 001-07721
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
457686
See ECN
NXR
New Data Sheet
*A
464509
See ECN
NXR
Removed TSOP I package; Added reference to CY62167EV30 TSOP I
package which can be used as a 2M x 8 SRAM
Changed the ISB2(Typ) value from 1.3 µA to 1.5 µA
Changed the ICC(Typ) value from 2 mA to 2.2 mA for f=1MHz Test condition
Changed the ICC(Typ) value from 15 mA to 22 mA and ICC(Max) value from
40 mA to 25 mA for f=1MHz Test condition
Changed the ICCDR(Max) value from 8.5 µA to 8 µA
*B
1138883
See ECN
VKN
Converted from preliminary to final
Changed ICC(max) spec from 2.8 mA to 4.0 mA for f=1MHz
Changed ICC(typ) spec from 22 mA to 25 mA for f=fmax
Changed ICC(max) spec from 25 mA to 30 mA for f=fmax
Added footnote# 8 related to ISB2 and ICCDR
Changed ISB1 and ISB2 spec from 8.5 µA to 12 µA
Changed ICCDR spec from 8 µA to 10 µA
[+] Feedback
[+] Feedback


Similar Part No. - CY62177DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30 CYPRESS-CY62177DV30 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
CY62177DV30L-55BAI CYPRESS-CY62177DV30L-55BAI Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30L-70BAI CYPRESS-CY62177DV30L-70BAI Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30LL CYPRESS-CY62177DV30LL Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
CY62177DV30LL-55BAI CYPRESS-CY62177DV30LL-55BAI Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
More results

Similar Description - CY62177DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_10 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62168DV3 CYPRESS-CY62168DV3_06 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com