Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRC0201HTC10 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # PRC0201HTC10
Description  PRECISION SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

PRC0201HTC10 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  PRC0201HTC10 Datasheet HTML 1Page - Willow Technologies Ltd PRC0201HTC10 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL RELIABILITY TEST DATA AND SPECIFICATIONS
Data subject to change without notice
See other side
REV O
1/17/00
Result
Characteristic
Test Conditions
Value
Max.
Min.
Avg.
Specification
MOISTURE LOAD
LIFE
60°C 95%RH Rated
voltage for 1½ hours ON,
½ hour OFF. 1000 hours
100
10 K
100 K
0.027%
0.019%
0.023%
0.003%
-0.008%
-0.024%
0.014%
0.005%
0.014%
∆R within ±0.5%
TEMPERATURE
CYCLE
-55°C~RT~ +155°C~RT
30 min. ON 3 min. OFF
5 cycles
100
10 K
100 K
0.036%
0.005%
0.011%
-0.010%
0.002%
-0.006%
0.007%
0.000%
0.002%
∆R within ±0.25%
HIGH TEMPERATURE
175°C
No load
1000 hours
100
10 K
100 K
0.254%
0.263%
0.380%
0.156%
0.130%
0.194%
0.194%
0.158%
0.250%
∆R within ±0.5%
RANDOM VIBRATION
10~50Hz
3 directions each
2 hours
100
10 K
100 K
0.008%
0.006%
0.006%
-0.008%
-0.001%
0.001%
0.003%
0.002%
0.003%
∆R within ±0.25%
without mechanical
damage.
MECHANICAL
SHOCK
Acceleration 50G
Axis 11 msec. x 3
Total 18 cycles
100
10 K
100 K
0.008%
0.008%
0.017%
0.002%
-0.002%
0.003%
0.005%
0.003%
0.007%
∆R within ±0.25%
without mechanical
damage.
RESISTANCE TO
SOLDERING HEAT
Solder temperature
275°C for
20 sec. ±1sec.
100
10 K
100 K
0.061%
-0.018%
-0.020%
-0.012%
-0.044%
-0.045%
0.013%
-0.024%
-0.033%
∆R within ±0.1%
SOLDERABILITY
Solder temperature
230°C ±5°C for
3 sec. ±1 sec.
100
10 K
100 K
100% MEET SPECIFICATION
Minimum 95% of the
electrode surface
covered.
SHORT TIME
OVERLOAD
2.5 times to
rated voltage
for 5 seconds
100
10 K
100 K
0.012%
0.000%
0.012%
-0.009%
-0.018%
-0.008%
-0.001%
-0.001%
0.000%
∆R within ±0.25%
HUMIDITY
60°C, 95%RH
No load
1000Hour
100
10 K
100 K
0.083%
0.005%
0.018%
0.002%
0.001%
0.008%
0.027%
0.003%
0.012%
∆R within ±0.25%
LOAD LIFE
70°C Rated voltage for
1½ hours ON, ½ hour
OFF. 1000 hours
100
10 K
100 K
0.052%
0.017%
0.018%
-0.057%
-0.009%
-0.001%
0.009%
0.007%
0.007%
∆R within ±0.5%
Derating Curve
100
80
60
40
20
0
-60
-40
-20
0
20
40
60
80
100
120
140
70
125
-55
Ambient Temperature (°C)
% Rated Power
must be derated in accordance with the curve in the graph below.


Similar Part No. - PRC0201HTC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRC05 ETC2-PRC05 Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-J5F ETC2-PRC05-J5F Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-J5M ETC2-PRC05-J5M Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-JB5F ETC2-PRC05-JB5F Datasheet
616Kb / 2P
   Miniature Circular Connectors
PRC05-JB5M ETC2-PRC05-JB5M Datasheet
616Kb / 2P
   Miniature Circular Connectors
More results

Similar Description - PRC0201HTC10

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PCF WELWYN-PCF Datasheet
1Mb / 4P
   PRECISION SURFACE MOUNT RESISTORS
logo
Diodes Incorporated
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1B DIODES-UDZ5V1B_08 Datasheet
135Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
DDZX5V1BQ DIODES-DDZX5V1BQ Datasheet
348Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZX5V1B DIODES-DDZX5V1B_17 Datasheet
321Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_1 Datasheet
177Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 7 - 2
DDZX5V1B DIODES-DDZX5V1B Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZ5V1BS DIODES-DDZ5V1BS_15 Datasheet
217Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
UDZ3V6B DIODES-UDZ3V6B_15 Datasheet
206Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com