Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA42201 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA42201
Description  Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42201 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA42201 Datasheet HTML 1Page - Sanyo Semicon Device LA42201 Datasheet HTML 2Page - Sanyo Semicon Device LA42201 Datasheet HTML 3Page - Sanyo Semicon Device LA42201 Datasheet HTML 4Page - Sanyo Semicon Device LA42201 Datasheet HTML 5Page - Sanyo Semicon Device LA42201 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA42201
No.A0894-4/6
Cautions
Oscillation of the capacitor between the output pin and GND may cause oscillation. In such an event, insert 0.1
μF
+2.2
Ω between pins 1 and 3.
1. Rise and fall of AMP VCC (2Pin), Mute (6Pin)
• When raising AMP, always raise the Mute pin 6 in 1sec after the VCC pin 2.
• When falling AMP, always fall the VCC pin 2 in 1sec after the Mute pin 6.
Above procedure will alleviate the shock sound at rise and fall.
2. Mute function (pin 6)
The mute function is turned ON with the pin 6 voltage of 1.0V or less and OFF with the voltage of 2.5V or more.
The inrush current to pin 6 is about 50
μA when VMute is 5V and RMute is10kΩ.
Cautions for use
1. Short-circuit (power – output short-circuit), ground fault (GND – output short-circuit), and load short-circuit
protective circuits are incorporated. They are activated in case of abnormal connection.
These circuits remain active while such abnormal connection continues and is reset automatically when the
abnormality is removed.
2. The thermal protection circuit is incorporated and is activated when the junction temperature (Tj) rises to about 170°C
or more. The output is controlled to return gradually to the attenuated state.
3. When the product is used near the maximum rating, even the slightest change in the condition may cause exceeding of
the maximum rating, resulting possibly in breakdown. Take the sufficient margin for the supply voltage, etc. and
always use the product within a range never exceeding the maximum rating.
2 Pin VCC
1/3 Pin OUT
6 Pin Mute
Mute
1s
Mute
1s
+
6
RMute
CMute
VMute
200
Ω
GND
100k
Ω
50
μA


Similar Part No. - LA42201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
   3.5W AF POWER AMP
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
More results

Similar Description - LA42201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
LA4810M SANYO-LA4810M Datasheet
622Kb / 12P
   Monolithic Linear IC Stereo/Monaural BTL Power
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com