Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD33DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD33DR
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD33DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD33DR Datasheet HTML 5Page - Texas Instruments SN65HVD33DR Datasheet HTML 6Page - Texas Instruments SN65HVD33DR Datasheet HTML 7Page - Texas Instruments SN65HVD33DR Datasheet HTML 8Page - Texas Instruments SN65HVD33DR Datasheet HTML 9Page - Texas Instruments SN65HVD33DR Datasheet HTML 10Page - Texas Instruments SN65HVD33DR Datasheet HTML 11Page - Texas Instruments SN65HVD33DR Datasheet HTML 12Page - Texas Instruments SN65HVD33DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IY
VOD
R
L
0or3V
VY
VZ
IZ
DE
VCC
II
VI
Y
Z
60
Ω ±1%
VOD
0or3V
_
+
−7V<V(test) <12V
DE
VCC
Y
Z
D
375
Ω ±1%
375
Ω ±1%
VOD(RING)
VOD(RING)
-VOD(SS)
VOD(SS)
0VDifferential
VOC
27 Ω ± 1%
Input
Y
Z
VY
VZ
VOC(PP)
∆VOC(SS)
VOC
27 Ω ± 1%
CL =50pF ±20%
D
Y
Z
DE
VCC
Input:PRR=500kHz,50%DutyCycle,t r<6ns,tf<6ns,ZO =50 Ω
CL IncludesFixtureand
InstrumentationCapacitance
SN65HVD30 – SN65HVD39
SLLS665C – SEPTEMBER 2005 – REVISED JULY 2006
Figure 1. Driver VOD Test Circuit and Voltage and Current Definitions
Figure 2. Driver VOD With Common-Mode Loading Test Circuit
Figure 3. VOD(RING) Waveform and Definitions
VOD(RING) is measured at four points on the output waveform, corresponding to overshoot and undershoot from
theVOD(H) and VOD(L) steady state values.
Figure 4. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
9
Submit Documentation Feedback


Similar Part No. - SN65HVD33DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD33DR TI-SN65HVD33DR Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33DR TI1-SN65HVD33DR Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD33DRG4 TI-SN65HVD33DRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33DRG4 TI1-SN65HVD33DRG4 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
More results

Similar Description - SN65HVD33DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com