Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158EV30 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62158EV30
Description  8-Mbit (1024K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158EV30 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62158EV30 Datasheet HTML 1Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 2Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62158EV30 MoBL®
Document #: 38-05578 Rev. *D
Page 5 of 11
Switching Characteristics (Over the Operating Range) [11]
Parameter
Description
45 ns
Unit
Min
Max
Read Cycle
tRC
Read Cycle Time
45
ns
tAA
Address to Data Valid
45
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
45
ns
tDOE
OE LOW to Data Valid
22
ns
tLZOE
OE LOW to Low Z[12]
5ns
tHZOE
OE HIGH to High Z[12, 13]
18
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z[12]
10
ns
tHZCE
CE1 HIGH or CE2 LOW to High Z[12, 13]
18
ns
tPU
CE1 LOW and CE2 HIGH to Power Up
0
ns
tPD
CE1 HIGH or CE2 LOW to Power Down
45
ns
Write Cycle[14]
tWC
Write Cycle Time
45
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
35
ns
tAW
Address Setup to Write End
35
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Setup to Write Start
0
ns
tPWE
WE Pulse Width
35
ns
tSD
Data Setup to Write End
25
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High Z[12, 13]
18
ns
tLZWE
WE HIGH to Low Z[12]
10
ns
Notes
11. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns or less (1V/ns), timing reference levels of VCC(typ)/2, input
pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in “AC Test Loads and Waveforms” on page 4.
12. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
13. tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
14. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. The data input setup and hold timing should be referenced to the edge of the signal that terminates the write.
[+] Feedback
[+] Feedback


Similar Part No. - CY62158EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62158EV30LL-45BVXI CYPRESS-CY62158EV30LL-45BVXI Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45BVXI CYPRESS-CY62158EV30LL-45BVXI Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62158EV30LL-45ZSXI CYPRESS-CY62158EV30LL-45ZSXI Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45ZSXI CYPRESS-CY62158EV30LL-45ZSXI Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62158EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33 Datasheet
470Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_07 Datasheet
315Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY62158E CYPRESS-CY62158E_09 Datasheet
330Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_09 Datasheet
810Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY62158E CYPRESS-CY62158E_13 Datasheet
895Kb / 16P
   8-Mbit (1 M x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com