Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV30LL-45BVXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62157EV30LL-45BVXI
Description  8-Mbit (512K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV30LL-45BVXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62157EV30LL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62157EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY62157EV30 MoBL®
Document #: 38-05445 Rev. *E
Page 4 of 14
Maximum Ratings
Exceeding maximum ratings may shorten the battery life of the
device. User guidelines are not tested.
Storage Temperature ................................–65°C to + 150°C
Ambient Temperature with
Power Applied ...........................................–55°C to + 125°C
Supply Voltage to Ground
Potential ................................–0.3V to 3.9V (VCCmax + 0.3V)
DC Voltage Applied to Outputs
in High-Z State [6, 7]................–0.3V to 3.9V (VCCmax + 0.3V)
DC Input Voltage [6, 7] ........... –0.3V to 3.9V (VCC max + 0.3V)
Output Current into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage .......................................... > 2001V
(MIL-STD-883, Method 3015)
Latch up Current .................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC [8]
CY62157EV30LL Ind’l/Auto-A –40°C to +85°C
2.20V to
3.60V
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
45 ns (Ind’l/Auto-A)
Unit
Min
Typ [2]
Max
VOH
Output HIGH Voltage
IOH = –0.1 mA
2.0
V
IOH = –1.0 mA, VCC > 2.70V
2.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
0.4
V
IOL = 2.1mA, VCC > 2.70V
0.4
V
VIH
Input HIGH Voltage
VCC = 2.2V to 2.7V
1.8
VCC + 0.3
V
VCC = 2.7V to 3.6V
2.2
VCC + 0.3
V
VIL
Input LOW Voltage
VCC = 2.2V to 2.7V
–0.3
0.6
V
VCC = 2.7V to 3.6V
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1
+1
µA
ICC
VCCOperatingSupplyCurrent f = fmax = 1/tRC
VCC = VCCmax
IOUT = 0 mA
CMOS levels
18
25
mA
f = 1 MHz
1.8
3
ISB1
Automatic CE Power Down
Current — CMOS Inputs
CE1 > VCC − 0.2V, CE2 < 0.2V
VIN > VCC – 0.2V, VIN < 0.2V)
f = fmax (Address and Data Only),
f = 0 (OE, BHE, BLE and WE), VCC = 3.60V
28
µA
ISB2 [9]
Automatic CE Power Down
Current — CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V, f = 0, VCC = 3.60V
28
µA
Capacitance [10]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Notes
6. VIL(min) = –2.0V for pulse durations less than 20 ns.
7. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns.
8. Full device AC operation assumes a 100
µs ramp time from 0 to Vcc(min) and 200 µs wait time after VCC stabilization.
9. Only chip enables (CE1 and CE2), byte enables (BHE and BLE) and BYTE (48 TSOP I only) need to be tied to CMOS levels to meet the ISB2 / ICCDR spec. Other
inputs can be left floating.
10. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62157EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30LL-45BVXI CYPRESS-CY62157EV30LL-45BVXI Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157EV30LL-45BVXI CYPRESS-CY62157EV30LL-45BVXI Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62157EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com