Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7140SA100PFGB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7140SA100PFGB
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140SA100PFGB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7140SA100PFGB Datasheet HTML 1Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 2Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 3Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 4Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 5Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 6Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 7Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 8Page - Integrated Device Technology IDT7140SA100PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
4
Absolute Maximum Ratings(1)
Recommended DC Operating
Conditions
Recommended Operating
Temperature and Supply Voltage(1)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2.
3dV references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Capacitance (TA = +25°C, f = 1.0MHz)
STQFP and TQFP Packages Only
NOTE:
1. At Vcc
< 2.0V leakages are undefined.
NOTES:
1.
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2.
VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
NOTES:
1.
VIL (min.) > -1.5V for pulse width less than 10ns.
2.
VTERM must not exceed Vcc + 10%.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
oC
TSTG
Storage
Temperature
-65 to +150
-65 to +150
oC
IOUT
DC Output
Current
50
50
mA
2689 tbl 01
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2689 tbl 02
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2689 tbl 03
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2689 tbl 05
Symbol
Parameter
Test Conditions
7130SA
7140SA
7130LA
7140LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
(1)
VCC - 5.5V,
CE = VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage (I/O0-I/O7)IOL = 4mA
___
0.4
___
0.4
V
VOL
Open Drain Output
Low Voltage (
BUSY, INT)
IOL = 16mA
___
0.5
___
0.5
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2689 tbl 04


Similar Part No. - IDT7140SA100PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140SA100PF IDT-IDT7140SA100PF Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT7140SA100PFB IDT-IDT7140SA100PFB Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7140SA100PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com