Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157ELL-55BVXE Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62157ELL-55BVXE
Description  8-Mbit (512K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157ELL-55BVXE Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62157ELL-55BVXE Datasheet HTML 1Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 2Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 3Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 4Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 5Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 6Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 7Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 8Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62157E MoBL®
Document #: 38-05695 Rev. *E
Page 2 of 12
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby, ISB2
(
µA)
f = 1 MHz
f = fmax
Min
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
CY62157ELL
Industrial
4.5
5.0
5.5
45
1.8
3
18
25
2
8
CY62157ELL
Automotive
4.5
5.0
5.5
55
1.8
4
18
35
2
30
Pin Configuration
The following pictures show the TSOP II and VFBGA pinouts.[3, 4]
Notes
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
3. NC pins are not connected on the die.
4. The 44-pin TSOP II package has only one chip enable (CE) pin.
WE
A11
A10
A6
A0
A3
CE1
IO10
IO8
IO9
A4
A5
IO11
IO13
IO12
IO14
IO15
VSS
A9
A8
OE
Vss
A7
IO0
BHE
CE2
A17
A2
A1
BLE
VCC
IO2
IO1
IO3
IO4
IO5
IO6
IO7
A15
A14
A13
A
12
NC
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
VFBGA
A16
NC
Vcc
Top View
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
TSOP II
Top View
A6
A7
A3
A2
A1
A0
A17
A4
A9
A10
A11
A12
A15
A16
OE
BHE
BLE
CE
WE
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
IO8
IO9
IO10
IO11
IO12
IO13
IO14
IO15
VCC
VCC
VSS
VSS
10
A18
A14
A8
A13


Similar Part No. - CY62157ELL-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
More results

Similar Description - CY62157ELL-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com