Part Name
         Description
CY62157EV18

 8-Mbit (512K x 16) Static RAM ( 12 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 5 page
background image
CY62157EV18 MoBL®
Document #: 38-05490 Rev. *D
Page 5 of 12
Switching Characteristics (Over the Operating Range) [11, 12]
Parameter
Description
55 ns
Unit
Min
Max
Read Cycle
tRC
Read Cycle Time
55
ns
tAA
Address to Data Valid
55
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
55
ns
tDOE
OE LOW to Data Valid
25
ns
tLZOE
OE LOW to Low-Z [13]
5ns
tHZOE
OE HIGH to High-Z [13, 14]
18
ns
tLZCE
CE1 LOW and CE2 HIGH to Low-Z [13]
10
ns
tHZCE
CE1 HIGH and CE2 LOW to High-Z [13, 14]
18
ns
tPU
CE1 LOW and CE2 HIGH to Power Up
0
ns
tPD
CE1 HIGH and CE2 LOW to Power Down
55
ns
tDBE
BLE/BHE LOW to Data Valid
55
ns
tLZBE [15]
BLE/BHE LOW to Low-Z [13]
10
ns
tHZBE
BLE/BHE HIGH to High-Z [13, 14]
18
ns
Write Cycle [16]
tWC
Write Cycle Time
45
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
35
ns
tAW
Address Setup to Write End
35
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Setup to Write Start
0
ns
tPWE
WE Pulse Width
35
ns
tBW
BLE/BHE LOW to Write End
35
ns
tSD
Data Setup to Write End
25
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High-Z [13, 14]
18
ns
tLZWE
WE HIGH to Low-Z [13]
10
ns
Notes
11. Test conditions for all parameters other than tri-state parameters assume signal transition time of 1V/ns or less, timing reference levels of VCC(typ)/2, input pulse
levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” on page 4.
12. AC timing parameters are subject to byte enable signals (BHE or BLE) not switching when chip is disabled. Please see application note AN13842 for further
clarification.
13. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any
given device.
14. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the output enters a high impedance state.
15. If both byte enables are toggled together, this value is 10 ns.
16. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a
write and any of these signals can terminate a write by going INACTIVE. The data input setup and hold timing must be referenced to the edge of the signal that
terminates the write.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY62157E8-Mbit 512K x 16 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1051DV338-Mbit 512K x 16 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
P4C1049HIGH SPEED 512K x 8 STATIC CMOS RAM 1 2 3 4 5 MorePyramid Semiconductor Corporation
CY62148EV304-Mbit 512K x 8 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1012AV33_06512K x 24 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY62157CV30512K x 16 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1012DV3312-Mbit 512K X 24 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1020CV33_06512K 32K x 16 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1020D512K 32K x 16 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1059DV338-Mbit 1M x 8 Static RAM 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl