Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30LL-70ZSXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62148DV30LL-70ZSXI
Description  4-Mbit (512K x 8) MoBL짰 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30LL-70ZSXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62148DV30LL-70ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30LL-70ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY62148DV30
Document #: 38-05341 Rev. *D
Page 2 of 10
Pin Configuration[2, 3]
36-ball VFBGA Pinout
32-pin SOIC / TSOP II Pinout
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (µA)
f = 1 MHz
f = fmax
Min
Typ[4]
Max
Typ[4]
Max
Typ[4]
Max
Typ[4]
Max
CY62148DV30L Industrial
2.2
3.0
3.6
55
1.5
3
8
15
2
12
CY62148DV30LL Industrial
55
1.5
3
8
10
2
8
CY62148DV30LL Industrial
70
1.5
3
8
10
2
8
CY62148DV30LL Automotive-A
70
1.5
3
8
10
2
8
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
12
13
16
15
29
30
VCC
A3
A2
A1
A17
A16
OE
A6
A14
CE
IO 2
IO 0
IO 1
A12
A7
21
22
19
20
IO 7
27
28
25
26
17
18
23
24
VSS
A5
A4
IO 6
IO 5
IO 4
IO 3
A10
A18
A11
A0
A9
A8
A13
A15
Top View
Top View
A15
VCC
A13
A12
A5
NC
WE
A7
IO4
IO5
A4
IO6
IO7
Vss
A11
A10
A1
VSS
IO0
A2
A8
A6
A3
A0
Vcc
IO1
IO 2
IO 3
A17
A18
A16
CE
OE
A9
A14
D
E
B
A
C
F
G
H
DNU
Notes:
2. NC pins are not connected on the die.
3. DNU pins have to be left floating or tied to Vss to ensure proper application.
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
[+] Feedback
[+] Feedback


Similar Part No. - CY62148DV30LL-70ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30LL-70ZSXI CYPRESS-CY62148DV30LL-70ZSXI Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30LL-70ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30 Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62157DV30 CYPRESS-CY62157DV30_06 Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com