Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AS11J Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS11J
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS11J Datasheet(HTML) 4 Page - Texas Instruments

  SN54AS11J Datasheet HTML 1Page - Texas Instruments SN54AS11J Datasheet HTML 2Page - Texas Instruments SN54AS11J Datasheet HTML 3Page - Texas Instruments SN54AS11J Datasheet HTML 4Page - Texas Instruments SN54AS11J Datasheet HTML 5Page - Texas Instruments SN54AS11J Datasheet HTML 6Page - Texas Instruments SN54AS11J Datasheet HTML 7Page - Texas Instruments SN54AS11J Datasheet HTML 8Page - Texas Instruments SN54AS11J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ALS11A, SN54AS11, SN74ALS11A, SN74AS11
TRIPLE 3-INPUT POSITIVE-AND GATES
SDAS009D – MARCH 1984 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
SN54AS11
SN74AS11
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–2
–2
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS11
SN74AS11
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –2 mA
VCC–2
VCC–2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.5
–0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
ICCH
VCC = 5.5 V,
VI = 4.5 V
4.3
7
4.3
7
mA
ICCL
VCC = 5.5 V,
VI = 0
11.2
18
11.2
18
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V TO 5.5 V,
CL = 50 PF,
RL = 500 Ω,
TA = MIN TO MAX§
UNIT
(INPUT)
(OUTPUT)
SN54AS11
SN74AS11
MIN
MAX
MIN
MAX
tPLH
ABor C
Y
1
6.5
1
6
ns
tPHL
A, B, or C
Y
1
6.5
1
5.5
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54AS11J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS11J TI-SN54AS11J Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AS11J TI1-SN54AS11J Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Similar Description - SN54AS11J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com