Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157CV30 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62157CV30
Description  512K x 16 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157CV30 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62157CV30 Datasheet HTML 1Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 2Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 3Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 4Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 5Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 6Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 7Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 8Page - Cypress Semiconductor CY62157CV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY62157CV30/33
Document #: 38-05014 Rev. *F
Page 5 of 13
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
6pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms
VCC Typ
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
VTH
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Rise TIme: 1 V/ns
Fall Time: 1 V/ns
Parameters
3.0V
3.3V
Unit
R1
1.105
1.216
ΚΩ
R2
1.550
1.374
ΚΩ
RTH
0.645
0.645
ΚΩ
VTH
1.75
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.[2]
Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC = 1.5V, CE1 > VCC – 0.2V or
CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
Auto-A
4
20
µA
Auto-E
460
µA
tCDR
[8]
Chip Deselect to Data
Retention Time
0ns
tR
[8]
Operation Recovery Time
tRC
ns
Data Retention Waveform[9]
Notes:
8. Full Device AC operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) >100 µs.
9. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
VCC(min.)
VCC(min.)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE.BLE
CE2
or
[+] Feedback
[+] Feedback


Similar Part No. - CY62157CV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV30LL-55BAI CYPRESS-CY62157CV30LL-55BAI Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV30LL-70BAI CYPRESS-CY62157CV30LL-70BAI Datasheet
277Kb / 13P
   512K x 16 Static RAM
More results

Similar Description - CY62157CV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com