Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148EV30LL Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62148EV30LL
Description  4-Mbit (512K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148EV30LL Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62148EV30LL Datasheet HTML 4Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 5Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 6Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 7Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 8Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 9Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 10Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 11Page - Cypress Semiconductor CY62148EV30LL Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY62148EV30 MoBL®
Document #: 38-05576 Rev. *F
Page 11 of 12
Document History Page
Document Title: CY62148EV30 MoBL®, 4-Mbit (512K x 8) Static RAM
Document Number: 38-05576
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
223225
See ECN
AJU
New data sheet
*A
247373
See ECN
SYT
Changed from Advance Information to Preliminary
Moved Product Portfolio to Page 2
Changed VCC stabilization time in footnote #7 from 100 µs to 200 µs
Changed ICCDR from 2.0 µA to 2.5 µA
Changed typo in Data Retention Characteristics (tR) from 100 µs to tRC ns
Changed tOHA from 6 ns to 10 ns for both 35 ns and 45 ns Speed Bin
Changed tHZOE, tHZWE from 12 to 15 ns for 35 ns Speed Bin and 15 to 18 ns for 45
ns Speed Bin
Changed tSCE from 25 to 30 ns for 35 ns Speed Bin and 40 to 35 ns for 45 ns Speed Bin
Changed tHZCE from 12 to 18 ns for 35 ns Speed Bin and 15 to 22 ns for 45 ns Speed
Bin
Changed tSD from 15 to 18 ns for 35 ns Speed Bin and 20 to 22 ns for
45 ns Speed Bin
Changed tDOE from 15 to 18 ns for 35 ns Speed Bin
Changed Ordering Information to include Pb-Free Packages
*B
414807
See ECN
ZSD
Changed from Preliminary information to Final
Changed the address of Cypress Semiconductor Corporation on Page #1 from “3901
North First Street” to “198 Champion Court”
Removed 35ns Speed Bin
Removed “L” version of CY62148EV30
Changed ball C3 from DNU to NC.
Removed the redundant footnote on DNU.
Changed ICC (max) value from 2 mA to 2.5 mA and ICC (Typ) value from
1.5 mA to 2 mA at f=1 MHz
Changed ICC (Typ) value from 12 mA to 15 mA at f = fmax
Changed ISB1 and ISB2 Typ values from 0.7 µA to 1 µA and Max values from 2.5 µA
to 7
µA.
Changed the AC test load capacitance value from 50pF to 30pF.
Changed ICCDR from 2.5 µA to 7 µA.
Added ICCDR typical value.
Changed tLZOE from 3 ns to 5 ns
Changed tLZCE and tLZWE from 6 ns to 10 ns
Changed tHZCE from 22 ns to 18 ns
Changed tPWE from 30 ns to 35 ns.
Changed tSD from 22 ns to 25 ns.
Updated the package diagram 36-pin VFBGA from *B to *C
Added 32-pin SOIC package diagram and pin diagram
Updated the ordering information table and replaced the Package Name column with
Package Diagram.
*C
464503
See ECN
NXR
Included Automotive Range in product offering
Updated Thermal Resistance table
Updated the Ordering Information
*D
833080
See ECN
VKN
Added footnote #8
Added VILspec for SOIC package
*E
890962
See ECN
VKN
Removed Automotive part and its related information
Added footnote #2 related to SOIC package
Added footnote #9 related to ISB2
Added AC values for 55 ns Industrial-SOIC range
Updated Ordering Information table
[+] Feedback
[+] Feedback


Similar Part No. - CY62148EV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148EV30LL-45BVI CYPRESS-CY62148EV30LL-45BVI Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30LL-45BVXI CYPRESS-CY62148EV30LL-45BVXI Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148EV30LL-45BVXI CYPRESS-CY62148EV30LL-45BVXI Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30LL-45ZSXA CYPRESS-CY62148EV30LL-45ZSXA Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148EV30LL-45ZSXA CYPRESS-CY62148EV30LL-45ZSXA Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CY62148EV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com