Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSNN6655HHVVDD3318 Datasheet(PDF) 7 Page - Texas Instruments

Part # SSNN6655HHVVDD3318
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSNN6655HHVVDD3318 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SSNN6655HHVVDD3318 Datasheet HTML 3Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 4Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 5Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 6Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 7Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 8Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 9Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 10Page - Texas Instruments SSNN6655HHVVDD3318 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
RECEIVER EQUALIZATION CHARACTERISTICS
SN65HVD30 – SN65HVD39
SLLS665C – SEPTEMBER 2005 – REVISED JULY 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
HVD30, HVD33, HVD36, HVD38
26
45
Propagation delay time,
tPLH
HVD31, HVD32, HVD34, HVD35,
low-to-high-level output
47
70
HVD37, HVD39
HVD30, HVD33, HVD36, HVD38
29
45
Propagation delay time,
tPHL
HVD31, HVD32, HVD34, HVD35,
high-to-low-level output
49
70
VID = -1.5 V to 1.5 V,
HVD37, HVD39
CL = 15 pF, See Figure 9
HVD30, HVD33, HVD36, HVD37,
7
HVD38, HVD39
tsk(p)
Pulse skew (|tPHL– tPLH|)
HVD31, HVD34, HVD32, HVD35
10
ns
tr
Output signal rise time
5
tf
Output signal fall time
6
tPHZ
Output disable time from high level
20
DE at 3 V
CL = 15 pF,
tPZH1
Output enable time to high level
20
See Figure 10
tPZH2
Propagation delay time, standby-to-high-level output
DE at 0 V
4000
tPLZ
Output disable time from low level
20
DE at 3 V
CL = 15 pF,
tPZL1
Output enable time to low level
20
See Figure 11
tPZL2
Propagation delay time, standby-to-low-level output
DE at 0 V
4000
(1)
All typical values are at 25°C and with a 3.3-V supply
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
DEVICE
MIN
TYP(1)
MAX
UNIT
0 m
HVD36, HVD38
PREVIEW
HVD33(2)
PREVIEW
100 m
HVD36, HVD38
PREVIEW
25 Mbps
HVD33(2)
PREVIEW
150 m
HVD36, HVD38
PREVIEW
HVD33(2)
PREVIEW
200 m
HVD36, HVD38
PREVIEW
HVD33(2)
PREVIEW
200 m
HVD36, HVD38
PREVIEW
HVD33(2)
PREVIEW
Pseudo-random NRZ code
10 Mbps
250 m
Peak-to-peak
tj(pp)
with a bit pattern length of
HVD36, HVD38
PREVIEW
ns
eye-pattern jitter
216–1, Belden 3105A cable
HVD33(2)
PREVIEW
300 m
HVD36, HVD38
PREVIEW
HVD34(2)
PREVIEW
5 Mbps
500 m
HVD37, HVD39
PREVIEW
HVD33(2)
PREVIEW
HVD34(2)
PREVIEW
3 Mbps
500 m
HVD36, HVD38
PREVIEW
HVD37, HVD39
PREVIEW
HVD34(2)
PREVIEW
1 Mbps
1000 m
HVD37, HVD39
PREVIEW
(1)
All typical values are at VCC = 5 V, and temperature = 25°C.
(2)
The HVD33 and the HVD34 do not have receiver equalization but are specified for comparison.
7
Submit Documentation Feedback


Similar Part No. - SSNN6655HHVVDD3318

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSN COOPER-SSN Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
Surge Components
SSN SURGE-SSN Datasheet
915Kb / 1P
   rohs compliance
logo
Mini-Circuits
SSN-1602FA MINI-SSN-1602FA Datasheet
892Kb / 13P
   Frequency Synthesizer
SSN-1602FA++ MINI-SSN-1602FA+ Datasheet
892Kb / 13P
   Frequency Synthesizer
SSN-1932A-119 MINI-SSN-1932A-119 Datasheet
884Kb / 13P
   Frequency Synthesizer
More results

Similar Description - SSNN6655HHVVDD3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com