Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD31 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD31
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD31 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD31 Datasheet HTML 1Page - Texas Instruments SN65HVD31 Datasheet HTML 2Page - Texas Instruments SN65HVD31 Datasheet HTML 3Page - Texas Instruments SN65HVD31 Datasheet HTML 4Page - Texas Instruments SN65HVD31 Datasheet HTML 5Page - Texas Instruments SN65HVD31 Datasheet HTML 6Page - Texas Instruments SN65HVD31 Datasheet HTML 7Page - Texas Instruments SN65HVD31 Datasheet HTML 8Page - Texas Instruments SN65HVD31 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
R
D
B
A
Z
Y
7
8
6
5
2
3
DP
(TOP VIEW)
ACKAGE
1
2
3
4
8
7
6
5
R
D
VCC
B
A
Z
Y
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
NC-Nointernalconnection
SN65HVD30 – SN65HVD39
SLLS665C – SEPTEMBER 2005 – REVISED JULY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
SN65HVD30, SN65HVD31, SN65HVD32, SN65HVD36,
SN65HVD33, SN65HVD34, SN65HVD35, SN65HVD38,
SN65HVD37
SN65HVD39
AVAILABLE OPTIONS
SIGNALING
RECEIVER
BASE
UNIT LOADS
ENABLES
SOIC MARKING
RATE
EQUALIZATION
PART NUMBER
25 Mbps
½
No
No
SN65HVD30
65HVD30
5 Mbps
1/8
No
No
SN65HVD31
65HVD31
1 Mbps
1/8
No
No
SN65HVD32
65HVD32
25 Mbps
½
No
Yes
SN65HVD33
65HVD33
5 Mbps
1/8
No
Yes
SN65HVD34
65HVD34
1 Mbps
1/8
No
Yes
SN65HVD35
65HVD35
25 Mbps
½
Yes
No
SN65HVD36
PREVIEW
5 Mbps
1/8
Yes
No
SN65HVD37
PREVIEW
25 Mbps
½
Yes
Yes
SN65HVD38
PREVIEW
5 Mbps
1/8
Yes
Yes
SN65HVD39
PREVIEW
2
Submit Documentation Feedback


Similar Part No. - SN65HVD31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD31 TI-SN65HVD31 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD31 TI-SN65HVD31 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD31 TI1-SN65HVD31 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD31 TI1-SN65HVD31 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD31-EP TI1-SN65HVD31-EP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - SN65HVD31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com