Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WW7 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # WW7
Description  FLAMEPROOF WIREWOUND RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

WW7 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  WW7 Datasheet HTML 1Page - Willow Technologies Ltd WW7 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
AMBIENT TEMP (°C)
100
80
60
40
20
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
CHAR. U
CHAR. V
Subject to change without notice
ENVIRONMENTAL
SPECIFICATIONS
CHARACTERISTIC
LOAD LIFE
MOISTURE RESISTANCE
THERMAL SHOCK
SHORT TIME OVERLOAD
DIELECTRIC STRENGTH
LOW TEMP. STORAGE
HIGH TEMP. EXPOSURE
TERMINAL STRENGTH
SHOCK
VIBRATION
± .5% + .05
U
V
± .2% + .05
± .1% + .05
± .2% + .05 Ω
± .2% + .05
± .2% + .05 Ω
± .1% + .05
± .1% + .05 Ω
± .1% + .05
± .5% + .05
± .5% + .05
± .1% + .05
± .1% + .05 Ω
± .1% + .05
± .2% + .05 Ω
± .5% + .05
± .1% + .05
± .2% + .05 Ω
± .2% + .05
± 3.0% + .05
WW Series resistors have an operating
temperature of -55°C to +350°C.
They must be derated for use at high
ambient temperatures as shown above.
Resistors with characteristic V are available
in 3%, 5% and 10% only.


Similar Part No. - WW7

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
WW7 SEI-WW7 Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
WW7B SEI-WW7B Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
WW7BB10K0 SEI-WW7BB10K0 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WW7BB1R00 SEI-WW7BB1R00 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WW7BBB10K0 SEI-WW7BBB10K0 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
More results

Similar Description - WW7

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WP-S WELWYN-WP-S Datasheet
451Kb / 4P
   Compact Flameproof Power Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WMO1S WELWYN-WMO1S Datasheet
459Kb / 3P
   Flameproof Metal Oxide Resistors
WMO-S WELWYN-WMO-S Datasheet
453Kb / 3P
   FLAMEPROOF METAL OXIDE RESISTORS
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
   Flameproof Power Oxide Resistors
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
   Flameproof Metal Film Resistors
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com