Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC1632HTC1000.1R Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # LRC1632HTC1000.1R
Description  Fractional Ohm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

LRC1632HTC1000.1R Datasheet(HTML) 2 Page - Willow Technologies Ltd

  LRC1632HTC1000.1R Datasheet HTML 1Page - Willow Technologies Ltd LRC1632HTC1000.1R Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
100
80
60
40
20
0
-60
-40
-20
0
20
40
60
80
100 120
140
70
125
-55
Ambient Temperature (°C)
Ratio to
Dissipation (%)
For resistors operated in ambient above 70°C, power dissipation
must be derated in accordance with the curve in Fig. 1.
Figure 1
R
TEMPERATURE CYCLE
HUMIDITY
LOAD LIFE
EFFECTS OF SOLDER HEAT
SHORT TIME OVERLOAD
R
R
R
R
±(0.5% +.0005Ω)
±(0.5% +.0005Ω)
±(0.5% +.0005Ω)
±(0.5% +.0005Ω)
±(0.5% +.0005Ω)
Operating Temperature Range is -55°C to +125°C
Performance Data
Data subject to change without notice
REV C
1/14/00
See other side


Similar Part No. - LRC1632HTC1000.1R

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC10 ALLIED-LRC10 Datasheet
748Kb / 1P
   Low Resistance Chip Inductors
LRC10-100K-RC ALLIED-LRC10-100K-RC Datasheet
718Kb / 1P
   Low Resistance Chip Inductors
LRC10-100K-RC ALLIED-LRC10-100K-RC Datasheet
748Kb / 1P
   Low Resistance Chip Inductors
LRC10-101K-RC ALLIED-LRC10-101K-RC Datasheet
718Kb / 1P
   Low Resistance Chip Inductors
LRC10-101K-RC ALLIED-LRC10-101K-RC Datasheet
748Kb / 1P
   Low Resistance Chip Inductors
More results

Similar Description - LRC1632HTC1000.1R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com