Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR4-3825 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # UNR4-3825
Description  High Stability Near Temperature Independency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UNR4-3825 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  UNR4-3825 Datasheet HTML 1Page - Willow Technologies Ltd UNR4-3825 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USR UNR 4-3425 4-3825 4-3825H
••••• High Stability
••••• Near Temperature
Independency
••••• Lowest Tolerances
••••• Low Capacitance and
Inductance
••••• Customized Resistance
Values
SPECIFICATIONS
ELECTRICAL
USR 4-3425/3825
UNR 4-3425/3825
with addional heatsink 3825H
note1)
Resistance Range
:
0R05 ... 500R
0R05 ... 500R
other resistance values upon request /
power rating depending on resistor value
Power Rating
:
3 W (70°C) without heatsink
5 W (20°C) for 3825H
30 W*
50 W*
* with heatsink
Thermal Resistance Rthj-c :
3.5 K/W
2.1 K/W
Tolerances
:
from 0R05
:
0.1%, 0.25%, 0.5%, 1%
from 10R
:
0.05%, 0.1%, 0.25%, 0.5%, 1%
from 50R
:
0.01%, 0.02%, 0.05%, 0.1%, 0.25%, 0.5%, 1%
Stability
:
0.01%
Temperature Coefficient :
max. ±5 ppm/K (-55...155)°C
typ. ±3 ppm/K (-55...125)°C
upon request ±1 ppm/K (0...60)°C
Voltage Proof
:
750 VDC
Max. Current
:
15 A
Thermal EMF
:
< 1 µV/K
ENVIRONMENTAL
Operating Temperature Range
:
-55°C...155°C
MECHANICAL Resistor Material
:
NiCr-Foil
Substrate
:
Al
2O3
AlN
Housing
:
Epoxy + heatsink aluminium
Connector Material
:
Cu, tinned, 4-pin
Max. torque backplate
:
1.0 Nm
note1): Specially designed for applications with fast changing electrical load.
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - UNR4-3825

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UNR4-3825 RIEDON-UNR4-3825 Datasheet
359Kb / 3P
   Precision Shunt Resistors
More results

Similar Description - UNR4-3825

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
USR4-1410 WILLOW-USR4-1410 Datasheet
122Kb / 2P
   Highest Stability Near Temperature Independency
USR4-1414 WILLOW-USR4-1414 Datasheet
110Kb / 2P
   Highest Stability Near Temperature Independency
USR2-1410 WILLOW-USR2-1410 Datasheet
107Kb / 2P
   Highest Stability Near Temperature Independency
USR4-T220 WILLOW-USR4-T220 Datasheet
311Kb / 2P
   Highest Stability Near Temperature Independent
logo
Diodes Incorporated
SBR0560S1 DIODES-SBR0560S1 Datasheet
92Kb / 4P
   Excellent High Temperature Stability
logo
M/A-COM Technology Solu...
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
MACP-011036 MA-COM-MACP-011036 Datasheet
688Kb / 5P
   Excellent Temperature Stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MABA-011073 MA-COM-MABA-011073 Datasheet
804Kb / 6P
   Excellent temperature stability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com