Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138FV30LL-45ZAXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62138FV30LL-45ZAXI
Description  2-Mbit (256K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30LL-45ZAXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62138FV30LL-45ZAXI Datasheet HTML 1Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 2Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 3Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 4Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30LL-45ZAXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document #: 001-08029 Rev. *E
Page 4 of 13
CY62138FV30 MoBL®
Thermal Resistance [8]
Parameter
Description
Test Conditions
SOIC
VFBGA
TSOP II
STSOP
TSOP I Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still air, soldered on a 3 x 4.5
inch, two layer printed circuit
board
44.53
38.49
44.16
59.72
50.19
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
24.05
17.66
11.97
15.38
14.59
°C/W
AC Test Loads and Waveforms
Parameters
2.5V (2.2V to 2.7V)
3.0V (2.7V to 3.6V)
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min
Typ [3]
Max
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR [7]
Data Retention Current
VCC = 1.5V,
CE1 > VCC − 0.2V or CE2 < 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V
14
µA
tCDR [8]
Chip Deselect to Data Retention Time
0
ns
tR [9]
Operation Recovery Time
tRC
ns
Data Retention Waveform [10]
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN
EQUIVALENT
ALL INPUT PULSES
RTH
R1
VCC(min)
VCC(min)
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
VCC
CE
Notes:
9. Full device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
10. CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW, CE is HIGH.
[+] Feedback
[+] Feedback


Similar Part No. - CY62138FV30LL-45ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30LL-45ZAXI CYPRESS-CY62138FV30LL-45ZAXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45ZAXI CYPRESS-CY62138FV30LL-45ZAXI Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45ZAXI CYPRESS-CY62138FV30LL-45ZAXI Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138FV30LL-45ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com