Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137VLL-70ZXE Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62137VLL-70ZXE
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137VLL-70ZXE Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62137VLL-70ZXE Datasheet HTML 1Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 2Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 3Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 4Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 5Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 6Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 7Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 8Page - Cypress Semiconductor CY62137VLL-70ZXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2-Mbit (128K x 16) Static RAM
CY62137V MoBL®
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05051 Rev. *E
Revised July 19, 2006
Features
• High Speed
—55 ns
• Temperature Ranges
— Industrial: –40°C to 85°C
— Automotive: –40°C to 125°C
• Wide voltage range: 2.7V – 3.6V
• Ultra-low active, standby power
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Available in Pb-free and non Pb-free standard
44-pin TSOP Type II package
Functional Description[1]
The CY62137V is a high-performance CMOS static RAM
organized as 128K words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life™ (MoBL®) in
portable applications such as cellular telephones. The device
also has an automatic power-down feature that reduces power
consumption by 99% when addresses are not toggling. The
device can also be put into standby mode when deselected
(CE HIGH) or when CE is LOW and both BLE and BHE are
HIGH. The input/output pins (I/O0 through I/O15) are placed in
a high-impedance state when: deselected (CE HIGH), outputs
are disabled (OE HIGH), BHE and BLE are disabled (BHE,
BLE HIGH), or during a write operation (CE LOW, and WE
LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A16). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
Logic Block Diagram
128K x 16
RAM Array
I/O0–I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
DATA IN DRIVERS
OE
A4
A3
I/O8–I/O15
CE
WE
BLE
BHE
A0
A1
A9
Power -Down
Circuit
BLE
A10
10
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com
CE
BHE
[+] Feedback
[+] Feedback


Similar Part No. - CY62137VLL-70ZXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137VLL-70ZE CYPRESS-CY62137VLL-70ZE Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-70ZI CYPRESS-CY62137VLL-70ZI Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137VLL-70ZXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com