Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138FV30LL-45ZSXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62138FV30LL-45ZSXI
Description  2-Mbit (256K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30LL-45ZSXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62138FV30LL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Document #: 001-08029 Rev. *E
Page 7 of 13
CY62138FV30 MoBL®
Write Cycle No. 2 (CE1 or CE2 controlled) [10, 14, 18, 19]
Write Cycle No. 3 (WE controlled, OE LOW) [10, 19]
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
X
High-Z
Deselect/Power Down
Standby (ISB)
X
L
X
X
High-Z
Deselect/Power Down
Standby (ISB)
L
H
H
L
Data Out
Read
Active (ICC)
L
H
H
H
High-Z
Output Disabled
Active (ICC)
L
H
L
X
Data in
Write
Active (ICC)
Switching Waveforms (continued)
tWC
DATA VALID
tAW
tSA
tPWE
tHA
tHD
tSD
tSCE
ADDRESS
CE
DATA IO
WE
DATA VALID
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
ADDRESS
CE
WE
DATA IO
NOTE 20
[+] Feedback
[+] Feedback


Similar Part No. - CY62138FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30LL-45ZSXI CYPRESS-CY62138FV30LL-45ZSXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45ZSXI CYPRESS-CY62138FV30LL-45ZSXI Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45ZSXI CYPRESS-CY62138FV30LL-45ZSXI Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com