Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138V Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62138V
Description  2-Mbit (256K x 8) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138V Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62138V_06 Datasheet HTML 1Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 2Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 3Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 4Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 5Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 6Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 7Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 8Page - Cypress Semiconductor CY62138V_06 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY62138V MoBL™
Document #: 38-05088 Rev. *B
Page 4 of 9
Switching Characteristics Over the Operating Range[4]
Parameter
Description
70 ns
Unit
Min.
Max.
Read Cycle
tRC
Read Cycle Time
70
ns
tAA
Address to Data Valid
70
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE LOW to Data Valid
70
ns
tDOE
OE LOW to Data Valid
35
ns
tLZOE
OE LOW to Low-Z[6]
5
ns
tHZOE
OE HIGH to High-Z[6, 7]
25
ns
tLZCE
CE LOW to Low-Z[6]
10
ns
tHZCE
CE HIGH to High-Z[6, 7]
25
ns
tPU
CE LOW to Power-up
0
ns
tPD
CE HIGH to Power-down
70
ns
Write Cycle[8, 9]
tWC
Write Cycle Time
70
ns
tSCE
CE LOW to Write End
60
ns
tAW
Address Set-up to Write End
60
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-up to Write Start
0
ns
tPWE
WE Pulse Width
50
ns
tSD
Data Set-up to Write End
30
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High-Z[6, 7]
25
ns
tLZWE
WE HIGH to Low-Z[6]
10
ns
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled)[10, 11]
Notes:
6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7. tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in (b) of AC Test Loads. Transition is measured ± 500 mV from steady-state voltage.
8. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can
terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
9. The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
10. Device is continuously selected. OE, CE = VIL.
11. WE is HIGH for read cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
[+] Feedback
[+] Feedback


Similar Part No. - CY62138V_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138VLL-70BAI CYPRESS-CY62138VLL-70BAI Datasheet
175Kb / 8P
   256K x 8 Static RAM
CY62138VN CYPRESS-CY62138VN Datasheet
411Kb / 8P
   256K x 8 Static RAM
CY62138VNLL-70BAI CYPRESS-CY62138VNLL-70BAI Datasheet
411Kb / 8P
   256K x 8 Static RAM
More results

Similar Description - CY62138V_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com