Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137VNLL-70ZSXA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62137VNLL-70ZSXA
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137VNLL-70ZSXA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62137VNLL-70ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62137VNLL-70ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62137VN MoBL®
Document #: 001-06497 Rev. *A
Page 5 of 11
Switching Characteristics Over the Operating Range [6]
Parameter
Description
55 ns
70 ns
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
10
10
ns
tACE
CE LOW to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to Low-Z[7]
55
ns
tHZOE
OE HIGH to High-Z[7, 8]
25
25
ns
tLZCE
CE LOW to Low-Z[7]
10
10
ns
tHZCE
CE HIGH to High-Z[7, 8]
25
25
ns
tPU
CE LOW to Power-up
0
0
ns
tPD
CE HIGH to Power-down
55
70
ns
tDBE
BHE / BLE LOW to Data Valid
55
70
ns
tLZBE
(9)
BHE / BLE LOW to Low-Z
5
5
ns
tHZBE
BHE / BLE HIGH to High-Z
25
25
ns
Write Cycle[10, 11]
tWC
Write Cycle Time
55
70
ns
tSCE
CE LOW to Write End
45
60
ns
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
40
50
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High-Z[7, 8]
20
25
ns
tLZWE
WE HIGH to Low-Z[7]
510
ns
tBW
BHE / BLE LOW to End of Write
50
60
ns
Notes:
6. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input levels of 0 to VCC typ., and output loading of the specified
IOL/IOH and 30 pF load capacitance.
7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8. tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
9. If both byte enables are toggled together this value is 10 ns.
10. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can
terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
11. The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback
[+] Feedback


Similar Part No. - CY62137VNLL-70ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-55ZI CYPRESS-CY62137VLL-55ZI Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-55ZI CYPRESS-CY62137VLL-55ZI Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-55ZXI CYPRESS-CY62137VLL-55ZXI Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137VNLL-70ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com